Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1215 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSC1215
Description  17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1215 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSC1215 Datasheet HTML 3Page - OKI electronic componets MSC1215 Datasheet HTML 4Page - OKI electronic componets MSC1215 Datasheet HTML 5Page - OKI electronic componets MSC1215 Datasheet HTML 6Page - OKI electronic componets MSC1215 Datasheet HTML 7Page - OKI electronic componets MSC1215 Datasheet HTML 8Page - OKI electronic componets MSC1215 Datasheet HTML 9Page - OKI electronic componets MSC1215 Datasheet HTML 10Page - OKI electronic componets MSC1215 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
MSC1215-xx
¡ Semiconductor
Switching Characteristics
Parameter
Clock Frequency
Symbol
Min.
Unit
fc
tDH
200
8
kHz
Max.
250
Data Hold Time
Condition
Except reset mode
32
1.3
1
8
5
1
ms
Clock Pulse Width
Data Set-up Time
CS Off Time
CS Pulse Width
CL=100 pF
CL=100 pF
t=20% to 80% or
80% to 20% of VDD
tcw
tDS
tCSW
tCSL
tCSS
tCSH
tPD
tODS
tR
tPCS
2
2
300
ms
ms
ms
ms
CS Set-up Time
CS-clock Time
CS Hold Time
Clock-CS Time
DATA Output Delay
CLCOK-DATA Out Time
SEG & GRID Outputs Delay
Time from CS
Slew Rate (All Drivers)
Power on Timing
ms
ms
ns
ms
ms
ms
(Ta=–40 to +85°C, VDD=8 to 18 V)
Oscillation Frequency
fosc
MHz
4.5
2
CS Off Time
CS Pulse Width
tRCSW
tRCSL
Except reset mode
Reset mode
Reset mode
4
4
ms
ms


Similar Part No. - MSC1215

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
   Clock For 1/2 Duty VFD
logo
Texas Instruments
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210Y2 TI-MSC1210Y2 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1215

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
   23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSM9006-01 OKI-MSM9006-01 Datasheet
130Kb / 18P
   LCD Driver with Keyscan Function
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
   82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
   32-Bit Duplex Controller/Driver with Digital Dimming Function
MSC7170-01 OKI-MSC7170-01 Datasheet
253Kb / 27P
   5x7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Keyscan Function
MSC1230 OKI-MSC1230 Datasheet
115Kb / 13P
   111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com