Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78568 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EM78568
Description  8-BIT MICRO-CONTROLLER for FRS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EM78568 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EM78568 Datasheet HTML 4Page - List of Unclassifed Manufacturers EM78568 Datasheet HTML 5Page - List of Unclassifed Manufacturers EM78568 Datasheet HTML 6Page - List of Unclassifed Manufacturers EM78568 Datasheet HTML 7Page - List of Unclassifed Manufacturers EM78568 Datasheet HTML 8Page - List of Unclassifed Manufacturers EM78568 Datasheet HTML 9Page - List of Unclassifed Manufacturers EM78568 Datasheet HTML 10Page - List of Unclassifed Manufacturers EM78568 Datasheet HTML 11Page - List of Unclassifed Manufacturers EM78568 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
EM78568
8-bit Micro-controller for FRS
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
5
07/28/2004
V3.5
VI. Pin Descriptions
PIN
I/O
DESCRIPTION
POWER
VDD
AVDD
POWER
Digital power
Analog power
VSS
AVSS
POWER
Digital ground
Analog ground
CLOCK
XIN
I
Input pin for 32.768 kHz oscillator
XOUT
O
Output pin for 32.768 kHz oscillator
PLLC
I
Phase loop lock capacitor, connect a capacitor 0.01u to 0.047u to the ground.
LCD
COM0 ~ COM3 O
Common driver pins of LCD drivers
SEG0 ~ SEG9
SEG10 ~ SEG12
SEG13 ~ SEG19
O
O (I/O : PORT5)
O (I/O : PORT9)
Segment driver pins of LCD drivers
SEG10 to SEG19 are shared with IO PORT.
Programming
tone generators
TONE
O
Programming single tone or dual tone output
Comparator
CMP1
CMP2
CMP3
I (P62)
I (P63)
I (P64)
Comparator input pins. Shared with PORT62, PORT63 and PORT64.
8-bit D/A
DAO
O (P67)
D/A converter output pin.
Shared with PORT67
CTCSS
MICO
O
Microphone amplifier output. Put a feedback resistor to adjust the gain
MICI
I
Microphone amplifier input
RXO
O
Receiver amplifier output. Put a feedback resistor to adjust the gain
RXI
I
Receiver amplifier input
AURX
O (P65)
Receiving audio output
Share with PORT65
MTX
O (P66)
Modulation transmission output for CTCSS tone
Shared with PORT66
IO
P55~P57
I/O
PORT5 can be INPUT or OUTPUT port each bit.
PORT5(7:5) are shared with LCD Segment signal.
P60 ~P67
I/O
PORT6 can be INPUT or OUTPUT port each bit.
P70 ~ P77
I/O
PORT7 can be INPUT or OUTPUT port each bit.
Internal Pull high function.
PORT7(0~3) has interrupt function.
P80 ~ P87
I/O
PORT8 can be INPUT or OUTPUT port each bit.
Internal pull high.
PORT8(0~3) have wake-up functions(set by RE PAGE0)


Similar Part No. - EM78568

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78563A EMC-EM78563A Datasheet
328Kb / 23P
   8-BIT MICROCONTROLLER
EM78563AAM EMC-EM78563AAM Datasheet
328Kb / 23P
   8-BIT MICROCONTROLLER
EM78563AAWM EMC-EM78563AAWM Datasheet
328Kb / 23P
   8-BIT MICROCONTROLLER
EM78563ABM EMC-EM78563ABM Datasheet
328Kb / 23P
   8-BIT MICROCONTROLLER
EM78563ABWM EMC-EM78563ABWM Datasheet
328Kb / 23P
   8-BIT MICROCONTROLLER
More results

Similar Description - EM78568

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com