Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3245H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G3245H
Description  3.8 QVGA LCD Graphic Module without DC / DC converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G3245H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G3245H Datasheet HTML 1Page - List of Unclassifed Manufacturers G3245H Datasheet HTML 2Page - List of Unclassifed Manufacturers G3245H Datasheet HTML 3Page - List of Unclassifed Manufacturers G3245H Datasheet HTML 4Page - List of Unclassifed Manufacturers G3245H Datasheet HTML 5Page - List of Unclassifed Manufacturers G3245H Datasheet HTML 6Page - List of Unclassifed Manufacturers G3245H Datasheet HTML 7Page - List of Unclassifed Manufacturers G3245H Datasheet HTML 8Page - List of Unclassifed Manufacturers G3245H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VGA 6.0” (15.3 cm) Color Graphic LCD Module
Preliminary
HS60VGA
Page 1
01.01 Version 2.1
3.8" QVGA LCD Graphic Module
without DC / DC converter
G3245H
Preliminary
General Description
Applications
• Portable Instruments
• PDA
• Industrial Controls
• Lan/Cable Testers
• Handy Terminals
Features
• High contrast image
• Fast response time
• Low power consumption
G3245H-FH B/W Graphic LCD
Actual size shown
The G3245H has three models: Reflective
type G3245H-FR, Transflective type G3245H-
FH and transflective with EL Back Light type
G3245H-FE.
The ultra-slim design and the low power
consumption levels make these ideal for
portable and battery powered applications as
well as general 19" rack application. Due to its
small vertical size, the fast -fluid liquid crystal
and I.T.O. electrodes multiplex smear is
reduced or eliminated even with the 1:240
multiplex drive.


Similar Part No. - G3245H

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G324 EUROQUARTZ-G324 Datasheet
115Kb / 2P
   3.2 x 2.5 x 0.9mm 4 pad SMD
logo
Mercury United Electron...
G324 MERCURY-G324 Datasheet
68Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
List of Unclassifed Man...
G324E ETC-G324E Datasheet
928Kb / 11P
   Liquid Crystal Display Modules
More results

Similar Description - G3245H

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38820 SHARP-LR38820 Datasheet
127Kb / 1P
   QVGA TFT-LCD controller with graphic display functions
logo
Rohm
BP5313A ROHM-BP5313A Datasheet
63Kb / 5P
   DC / DC converter for LCD
logo
Crystalfontz America, I...
CFAG12864J-TMI-TT CRYSTAIFONTZ-CFAG12864J-TMI-TT Datasheet
432Kb / 11P
   GRAPHIC LCD MODULE
CFAG128128A-TMI-TZ CRYSTAIFONTZ-CFAG128128A-TMI-TZ Datasheet
986Kb / 13P
   GRAPHIC LCD MODULE
CFAG320240CX-TFH-T-TS CRYSTAIFONTZ-CFAG320240CX-TFH-T-TS Datasheet
459Kb / 12P
   GRAPHIC LCD MODULE
CFAO4265A CRYSTAIFONTZ-CFAO4265A Datasheet
630Kb / 16P
   GRAPHIC LCD MODULE
CFAO12864D3 CRYSTAIFONTZ-CFAO12864D3 Datasheet
673Kb / 11P
   GRAPHIC LCD MODULE
CFAG14432B-TFH-TT CRYSTAIFONTZ-CFAG14432B-TFH-TT Datasheet
689Kb / 11P
   GRAPHIC LCD MODULE
CFAG14432C-TFH-TT CRYSTAIFONTZ-CFAG14432C-TFH-TT Datasheet
432Kb / 11P
   GRAPHIC LCD MODULE
CFAG14432C-TMI-TT CRYSTAIFONTZ-CFAG14432C-TMI-TT Datasheet
412Kb / 11P
   GRAPHIC LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com