Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1431BST23R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GM1431BST23R
Description  Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM1431BST23R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GM1431BST23R Datasheet HTML 1Page - List of Unclassifed Manufacturers GM1431BST23R Datasheet HTML 2Page - List of Unclassifed Manufacturers GM1431BST23R Datasheet HTML 3Page - List of Unclassifed Manufacturers GM1431BST23R Datasheet HTML 4Page - List of Unclassifed Manufacturers GM1431BST23R Datasheet HTML 5Page - List of Unclassifed Manufacturers GM1431BST23R Datasheet HTML 6Page - List of Unclassifed Manufacturers GM1431BST23R Datasheet HTML 7Page - List of Unclassifed Manufacturers GM1431BST23R Datasheet HTML 8Page - List of Unclassifed Manufacturers GM1431BST23R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
The GM1431 is a three terminal adjustable shunt regulator
with thermal stability guaranteed over temperature. Output
voltage can be adjusted to any value between 2.5V (V )
ref
and 36V by using two external resistors. The GM1431 has
a typical dynamic output impedance of 0.2W. Active output
circuitry provides a very unique turn on characteristic, mak-
ing the GM1431
an excellent tum on replacement for
zener diodes in many applications such as onboard regula-
tion and adjustable power supplies. The GM1431 is an
ideal voltage reference for 3.0 to 3.3V switching power sup-
plies.
The GM1431 shunt regulator is available with 3 voltage tol-
erances, 0.5%, 1.0% and 2.0% over T = 0°C to + 70°C,
A
and four package options (SOT-23, TO-92, SOT-89 and
SOP-8). Whatever your application is, the GM1431 offers
the optimum combination of performance, reliability, and
economy.
LOGIC SYMBOL
Application
Switching power supplies
Linear regulators
Adjustable supplies
Battery-operated computers
Computer disk drives
Instrumentation
BLOCK DIAGRAM (POSITIVE LOGIC)
CATHODE
REFERENCE
ANODE
+
_
V
ref
CATHODE
REFERENCE
ANODE
Features
Sink Current Capability 1 mA to 100mA
Low dynamic output impedance, 0.2W typ.
0.5%, 1% or 2% reference voltage tolerance
Temperature range 0°C to+ 70 °C
Available in SOT-23, TO-92, SOT-89 and
SOP- 8 packages
Alternate for TL431, TL431, LM431 & AS431
www.gammamicro.com
1
PRELIMINARY
A
A
MICROELECTRONICS
GM1431
ADJUSTABLE SHUNT REGULATOR
Adjustable Shunt Regulator


Similar Part No. - GM1431BST23R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1431BST23R GAMMA-GM1431BST23R Datasheet
225Kb / 14P
   ADJUSTABLE SHUNT REGULATOR
GM1431BST23RL GAMMA-GM1431BST23RL Datasheet
225Kb / 14P
   ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - GM1431BST23R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM431 TI-LM431 Datasheet
1Mb / 23P
[Old version datasheet]   The LM431 is a 3-terminal adjustable shunt regulator with ensured temperature stability over the entire temperature range of operation.
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
First Components Intern...
TL432 FCI-TL432 Datasheet
88Kb / 2P
   Adjustable Precision Shunt Regulator Guaranteed 1% Voltage Tolerance
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
SeCoS Halbleitertechnol...
STL431 SECOS-STL431 Datasheet
731Kb / 3P
   3-Terminal Adjustable Shunt Regulator
TL431 SECOS-TL431 Datasheet
583Kb / 3P
   3-Terminal Adjustable Shunt Regulator
logo
AiT Semiconductor Inc.
A431A AITSEMI-A431A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
A432A AITSEMI-A432A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com