Electronic Components Datasheet Search |
|
IRHNA593064 Datasheet(PDF) 2 Page - International Rectifier |
|
IRHNA593064 Datasheet(HTML) 2 Page - International Rectifier |
2 / 8 page IRHNA597064 Pre-Irradiation 2 www.irf.com Thermal Resistance Parameter Min Typ Max Units Test Conditions RthJC Junction-to-Case — — 0.5 RthJ-PCB Junction-to-PC board — 1.6 — soldered to a 2 square copper-clad board °C/W Note: Corresponding Spice and Saber models are available on International Rectifier Website. For footnotes refer to the last page Source-Drain Diode Ratings and Characteristics Parameter Min Typ Max Units Test Conditions IS Continuous Source Current (Body Diode) — — -56* ISM Pulse Source Current (Body Diode) À — — -224 VSD Diode Forward Voltage — — -5.0 V Tj = 25°C, IS = -56A, VGS = 0V Ã trr Reverse Recovery Time — — 200 ns Tj = 25°C, IF =-56A, di/dt ≤ -100A/µs QRR Reverse Recovery Charge — — 500 nC VDD ≤ -25V Ã ton Forward Turn-On Time Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD. A Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified) Parameter Min Typ Max Units Test Conditions BVDSS Drain-to-Source Breakdown Voltage -60 — — V VGS = 0V, ID = -1.0mA ∆BVDSS/∆TJ Temperature Coefficient of Breakdown — -0.064 — V/°C Reference to 25°C, ID = -1.0mA Voltage RDS(on) Static Drain-to-Source On-State — — 0.016 Ω VGS = -12V, ID = -56A Resistance VGS(th) Gate Threshold Voltage -2.0 — -4.0 V VDS = VGS, ID = -1.0mA gfs Forward Transconductance 40 — — S ( )VDS = -25V, IDS = -56A Ã IDSS Zero Gate Voltage Drain Current — — -10 VDS= -48V ,VGS=0V — — -25 VDS = -48V, VGS = 0V, TJ = 125°C IGSS Gate-to-Source Leakage Forward — — -100 VGS = -20V IGSS Gate-to-Source Leakage Reverse — — 100 VGS = 20V Qg Total Gate Charge — — 200 VGS =-12V, ID = -56A Qgs Gate-to-Source Charge — — 65 nC VDS = -30V Qgd Gate-to-Drain (‘Miller’) Charge — — 60 td(on) Turn-On Delay Time — — 30 VDD = -30V, ID = -56A, tr Rise Time — — 100 VGS = -12V, RG = 2.35Ω td(off) Turn-Off Delay Time — — 100 tf Fall Time — — 100 LS + LD Total Inductance — 6.0 — Ciss Input Capacitance — 7022 — VGS = 0V, VDS = -25V Coss Output Capacitance — 2897 — pF f = 1.0MHz Crss Reverse Transfer Capacitance — 267 — nA Ã nH ns µA Measured from the center of drain pad to center of source pad * Current is limited by package |
Similar Part No. - IRHNA593064 |
|
Similar Description - IRHNA593064 |