Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3458 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3458
Description  1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458 Datasheet(HTML) 3 Page - Linear Technology

  LTC3458 Datasheet HTML 1Page - Linear Technology LTC3458 Datasheet HTML 2Page - Linear Technology LTC3458 Datasheet HTML 3Page - Linear Technology LTC3458 Datasheet HTML 4Page - Linear Technology LTC3458 Datasheet HTML 5Page - Linear Technology LTC3458 Datasheet HTML 6Page - Linear Technology LTC3458 Datasheet HTML 7Page - Linear Technology LTC3458 Datasheet HTML 8Page - Linear Technology LTC3458 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3458
3
3458f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Input High
1.25
V
SHDN Input Low
0.3
V
BURST Mode Peak Current
RILIM = 124k
0.4
A
BURST Threshold Voltage
1.10
V
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VOUT = 5V, RT = 200k, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: The LTC3458 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
TEMPERATURE (°C)
VIN (V)
–40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
10
15
60
3458 G03
3458 G01
3458 G02
5
0
–15
10
35
85
20
2000
1800
1600
1400
1200
1000
800
600
400
200
0
–200
ILIMIT
IBURST PEAK
IZERO
IVIN
IVOUT
VOUT = 7V
L = 10µH
RILIM = 124k
VIN = 3.3V
VOUT = 5V
3458 G04
3458 G05
3458 G06
RBURST (kΩ)
50
200
300
100
150
250
160
140
120
100
80
60
40
20
0
VIN (V)
1.5
250
200
150
100
50
0
3.0
4.0
5.5
2.0
2.5
3.5
4.5
5.0
OSCILLATOR FREQUENCY (kHz)
400
600
550
500
450
400
350
300
250
200
150
100
1200
600
800
1000
1400
OUT OF
BURST
INTO
BURST
3.3VOUT
5VOUT
7.5VOUT
RILIM = 124k
–45
1.4
1.5
1,7
1.8
–15
15
30
90
1.6
–30
0
45
60
75
RILIMIT = 124k
ILIMIT, IBURST, TZERO Currents
Burst Mode Quiescent Current
Maximum Load Current in Burst
Oscillator Programming Resistor
Current Limit Accuracy
Typical Burst Mode Threshold and
Hysteresis vs RBURST
(TA = 25°C unless otherwise specified)


Similar Part No. - LTC3458

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
318Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
389Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458LEDE LINER-LTC3458LEDE Datasheet
389Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results

Similar Description - LTC3458

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458 LINER-LTC3458_15 Datasheet
318Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
389Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
E-CMOS Corporation
EC3207 E-CMOS-EC3207 Datasheet
376Kb / 4P
   1.5MHz,1.4A, Synchronous Step Down DC/DC Converter
logo
Linear Technology
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122_15 Datasheet
505Kb / 26P
   15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
   15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3 Datasheet
281Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com