Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3458L Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3458L
Description  1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458L Datasheet(HTML) 4 Page - Linear Technology

  LTC3458L Datasheet HTML 1Page - Linear Technology LTC3458L Datasheet HTML 2Page - Linear Technology LTC3458L Datasheet HTML 3Page - Linear Technology LTC3458L Datasheet HTML 4Page - Linear Technology LTC3458L Datasheet HTML 5Page - Linear Technology LTC3458L Datasheet HTML 6Page - Linear Technology LTC3458L Datasheet HTML 7Page - Linear Technology LTC3458L Datasheet HTML 8Page - Linear Technology LTC3458L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3458L
4
3458lf
TYPICAL PERFOR A CE CHARACTERISTICS
3458L G12
3458L G11
3458L G13
3458L G07
3458L G08
FREQUENCY (kHz)
500
95
93
91
89
87
85
1300
700
900
1100
1500
TEMPERATURE (
°C)
–40
0.5
0.3
0.2
0.1
0
60
3458L G09
–15
10
35
85
VIN (V)
3458L G10
1600
1400
1200
1000
800
600
400
200
0
1.5
2.5
3.5
4.0
2.0
3.0
4.5
5.0
5.5
3.3VOUT
5VOUT
P-CHANNEL
N-CHANNEL
1.8 to 5.5VIN at 1MHz
RILIM = 84.5k
VIN = 3.3V
VOUT = 5V
VIN = 3.3V
VOUT = 5V at 200mA
L = 7.4
µH
TEMPERATURE (
°C)
–45
0.95
0.97
1.01
1.03
1.05
–15
15
30
90
0.99
–30
0
45
60
75
TEMPERATURE (
°C)
–45
–15
15
30
90
–30
0
45
60
75
TEMPERATURE (
°C)
–45
–15
15
30
90
–30
0
45
60
75
0.5
0.6
0.8
0.9
1.0
0.7
1.20
1.21
1.23
1.24
1.25
1.22
TEMPERATURE (
°C)
–45
–15
15
30
90
–30
0
45
60
75
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
OPERATING
SHUTDOWN
RT = 200k
Efficiency vs Frequency
Maximum Load Current
N-Channel and P-Channel RDS(ON)
(TA = 25°C unless otherwise specified)
SHDN Pin Threshold and
Hysteresis
SYNC Pin Threshold
FB Voltage
Frequency Accuracy


Similar Part No. - LTC3458L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458L LINER-LTC3458L Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results

Similar Description - LTC3458L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458 LINER-LTC3458_15 Datasheet
318Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122_15 Datasheet
505Kb / 26P
   15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
   15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3 Datasheet
281Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
321Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com