Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXHL-PW09 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LXHL-PW09
Description  Combining the lifetime and reliability Advantages of Light Emitting Diodes with the Brightness of conventional lighting.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LXHL-PW09 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LXHL-PW09 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXHL-PW09 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXHL-PW09 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXHL-PW09 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXHL-PW09 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXHL-PW09 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXHL-PW09 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXHL-PW09 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXHL-PW09 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Flux Characteristics at 700mA, Junction Temperature, TJ = 25ºC
Table 1.
M
Miin
niim
mu
um
m L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
F
Fllu
ux
x ((llm
m)) o
orr
F
Fllu
ux
x ((llm
m)) o
orr
R
Ra
ad
diio
om
me
ettrriic
c
R
Ra
ad
diio
om
me
ettrriic
c
L
Lu
ux
xe
eo
on
n
P
Po
ow
we
err ((m
mW
W))
P
Po
ow
we
err ((m
mW
W))
R
Ra
ad
diia
attiio
on
n
C
Co
ollo
orr
E
Em
miitttte
err
Φ
ΦV [1,2]
Φ
ΦV [2]
P
Pa
atttte
errn
n
White
LXHLPW09
60.0
65
Green
LXHLPM09
51.7
64
Lambertian
Cyan
LXHLPE09
51.7
64
Blue
[3]
LXHLPB09
13.9
23
Royal Blue
[4]
LXHLPR09
275 mW
340 mW
White
LXHLDW09
51.7
58
Green
LXHLDM09
51.7
58
Side Emitting
Blue
[3]
LXHLDB09
13.9
21
Flux Characteristics at 1000mA, Junction Temperature, TJ = 25ºC
Table 2.
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s F
Fllu
ux
x ((llm
m))
o
orr R
Ra
ad
diio
om
me
ettrriic
c P
Po
ow
we
err ((m
mW
W))
L
Lu
ux
xe
eo
on
n
Φ
ΦV [1,2]
R
Ra
ad
diia
attiio
on
n
C
Co
ollo
orr
E
Em
miitttte
err
1
10
00
00
0 m
mA
A
P
Pa
atttte
errn
n
White
LXHLPW09
80
Green
LXHLPM09
80
Lambertian
Cyan
LXHLPE09
80
Blue
[3]
LXHLPB09
30
Royal Blue
[4]
LXHLPR09
450 mW
White
LXHLDW09
70
Green
LXHLDM09
70
Side Emitting
Blue
[3]
LXHLDB09
27
Notes for Tables 1 & 2:
1. Minimum luminous flux or radiometric power performance guaranteed within published operating conditions. Lumileds main
tains a tolerance of ± 10% on flux and power measurements.
2. Luxeon types with even higher luminous flux levels will become available in the future. Please consult your Lumileds Authorized
Distributor or Lumileds sales representative for more information.
3. Typical flux value for 470nm devices. Due to the CIE eye response curve in the short blue wavelength range, the minimum
luminous flux will vary over the Lumileds blue color range. Luminous flux will vary from a typical of 17lm for the 460465nm bin
to a typical of 30lm for the 475480 nm bin due to this effect. Although the luminous power efficiency is lower in the short blue
wavelength range, radiometric power efficiency increases as wavelength decreases. For more information, consult the Luxeon
Design Guide, available upon request.
4. Royal Blue product is binned by radiometric power and peak wavelength rather than photometric lumens and dominant
wavelength.
Luxeon III Emitter DS45 (3/05)
3


Similar Part No. - LXHL-PW09

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-PW09 LUMILEDS-LXHL-PW09 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
More results

Similar Description - LXHL-PW09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
70053K ETC2-70053K Datasheet
2Mb / 28P
   THE ADVANTAGES AND BENEFITS OF USING AMVECO TOROIDAL TRANSFORMERS
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
CITIZEN ELECTRONICS CO....
CL-L102 CITIZEN-CL-L102 Datasheet
189Kb / 3P
   The light-emitting element of an LED radiates light and heat according to the input power.
logo
Unity Opto Technology
MAL-3401 UOT-MAL-3401 Datasheet
47Kb / 2P
   The PLCC Strip signage light module is comprised of a linear array of solid state light emitting diodes
logo
Shenzhen Huazhimei Semi...
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
logo
Unity Opto Technology
MAL-6001X-X08 UOT-MAL-6001X-X08 Datasheet
38Kb / 4P
   The LED Strip signage light module is comprised of a linear array of solid state light emitting diodes
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com