Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9206 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9206
Description  10-Bit Bus LVDS Deserializers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9206 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9206 Datasheet HTML 4Page - Maxim Integrated Products MAX9206 Datasheet HTML 5Page - Maxim Integrated Products MAX9206 Datasheet HTML 6Page - Maxim Integrated Products MAX9206 Datasheet HTML 7Page - Maxim Integrated Products MAX9206 Datasheet HTML 8Page - Maxim Integrated Products MAX9206 Datasheet HTML 9Page - Maxim Integrated Products MAX9206 Datasheet HTML 10Page - Maxim Integrated Products MAX9206 Datasheet HTML 11Page - Maxim Integrated Products MAX9206 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
10-Bit Bus LVDS Deserializers
_______________________________________________________________________________________
9
into high impedance but LOCK continues to reflect the
status of the serial input. Driving REN high again
enables the ROUT_ and RCLK drivers.
Losing Lock on Serial Data
If one embedded clock edge (rising edge formed by
end/start bits) is not detected, LOCK goes high, RCLK
tracks REFCLK, and ROUT_ stays active but with
invalid data. LOCK stays high for a minimum of two
RCLK cycles. Then, if transitions are detected at the
serial input, the PLL attempts to lock to the serial input.
When the PLL locks to serial input data, LOCK goes
low, RCLK tracks the serializer reference clock (TCLK),
and ROUT_ is valid on the second selected strobe
edge of RCLK after LOCK goes low. A minimum of two
embedded clock edges in a row are required to regain
lock to the serial input after LOCK goes high.
For automatic resynchronization, LOCK can be con-
nected to the MAX9205/MAX9207 serializer SYNC1 or
SYNC2 input. With this connection, when LOCK goes
high, the serializer sends sync patterns until the deseri-
alizer locks to the serial input and drives LOCK low.
Input Fail-Safe
When the serial input is undriven (a disconnected cable
or serializer output in high impedance, for example) an
on-chip fail-safe circuit (Figure 2) drives the serial input
high. The response time of the fail-safe circuit depends
on interconnect characteristics. With an undriven input,
LOCK may switch high and low until the fail-safe circuit
takes effect. The undriven condition of the link can be
detected in spite of LOCK switching since LOCK is
high long enough to be sampled (LOCK is high for at
least two RCLK cycles after a missed clock edge and
RCLK keeps running, allowing sampling). If it is
required that LOCK remain high for an undriven input,
the on-chip fail-safe circuit can be supplemented with
external pullup bias resistors.
Deserializer Jitter Tolerance
The tJT parameter specifies the total zero-to-peak input
jitter the deserializer can tolerate before a sampling
error occurs (Figure 9). Zero-to-peak jitter is measured
from the mean value of the deterministic jitter distribu-
tion. Sources of jitter include the serializer (supply
noise, reference clock jitter, pulse skew, and intersym-
bol interference), the interconnect (intersymbol interfer-
ence, crosstalk, within-pair skew, ground shift), and the
deserializer (supply noise). The sum of the zero-to-peak
individual jitter sources must be less than or equal to
the minimum value of tJT.
For example, at 40MHz, the MAX9205 serializer has
140ps (p-p) maximum deterministic output jitter. The
zero-to-peak value is 140ps/2 = 70ps. If the intercon-
nect jitter is 100ps (p-p) with a symmetrical distribution,
the zero-to-peak jitter is 50ps. The MAX9206 deserializ-
er jitter tolerance is 720ps at 40MHz. The total zero-to-
peak input jitter is 70ps + 50ps = 120ps, which is less
than the jitter tolerance. In this case, the margin is
720ps - 120ps = 600ps.
REFCLK
FREQUENCY
16MHz
35MHz
40MHz
40MHz
DATA
PATTERN
PSEUDORANDOM
DATA
PSEUDORANDOM
DATA
PSEUDORANDOM
DATA
SYNC
PATTERNS
Maximum
0.749µs
0.375µs
0.354µs
0.134µs
Maximum (Clock
Cycles)
11.99
13.14
14.18
5.37
Average
0.318µs
0.158µs
0.144µs
0.103µs
Average (Clock
Cycles)
5.09
5.52
5.76
4.11
Minimum
0.13µs
0.068µs
0.061µs
0.061µs
Minimum (Clock
Cycles)
2.08
2.37
2.44
2.45
Table 1. Typical Lock Times
Note: Pseudorandom lock performed with 215-1 PRBS pattern, 10,000 lock time tests.


Similar Part No. - MAX9206

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9206 MAXIM-MAX9206 Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9206 MAXIM-MAX9206 Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9206 MAXIM-MAX9206 Datasheet
151Kb / 5P
   Allows Common-Mode Testing
Rev 0; 3/08
MAX9206EAI MAXIM-MAX9206EAI Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9206EAI MAXIM-MAX9206EAI Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
More results

Similar Description - MAX9206

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260_03 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Maxim Integrated Produc...
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com