Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXHL-DB09 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LXHL-DB09
Description  Combining the lifetime and reliability Advantages of Light Emitting Diodes with the Brightness of conventional lighting.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LXHL-DB09 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LXHL-DB09 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXHL-DB09 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXHL-DB09 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXHL-DB09 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXHL-DB09 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXHL-DB09 Datasheet HTML 9Page - List of Unclassifed Manufacturers LXHL-DB09 Datasheet HTML 10Page - List of Unclassifed Manufacturers LXHL-DB09 Datasheet HTML 11Page - List of Unclassifed Manufacturers LXHL-DB09 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Luxeon III Emitter DS45 (3/05)
8
Electrical Characteristics at 1400mA, Junction Temperature, TJ = 25ºC
Table 10.
T
Te
em
mp
pe
erra
attu
urre
e
C
Co
oe
effffiic
ciie
en
ntt o
off
T
Th
he
errm
ma
all
F
Fo
orrw
wa
arrd
d
R
Re
es
siis
stta
an
nc
ce
e,,
D
Dy
yn
na
am
miic
c
V
Vo
olltta
ag
ge
e[[33]]
J
Ju
un
nc
cttiio
on
n
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
V
F
F ((V
V))[[11]]
R
Re
es
siis
stta
an
nc
ce
e[[22]]
((m
mV
V//ooC
C))
tto
o C
Ca
as
se
e
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
((Ω
Ω)) R
R
D
D
∆∆VV
F
F /
/
∆∆TT
J
J
((ooC
C//W
W)) R
R
θθ
J
J C
C
Red
2.31
2.95
3.51
0.7
2.0
6
RedOrange
2.31
2.95
3.51
0.7
2.0
6
Amber
2.31
2.95
3.51
0.7
2.0
6
Notes for Table 10:
1. Lumileds maintains a tolerance of ± 0.06V on forward voltage measurements.
2. Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See Figure 3.
3. Measured between 25ºC
≤ T
J
≤ 110ºC at I
F = 1400mA.
Absolute Maximum Ratings
Table 11.
W
Wh
hiitte
e//G
Grre
ee
en
n//
R
Re
ed
d//
C
Cy
ya
an
n//B
Bllu
ue
e//
R
Re
ed
d O
Orra
an
ng
ge
e//
P
Pa
arra
am
me
ette
err
R
Ro
oy
ya
all B
Bllu
ue
e
A
Am
mb
be
err
DC Forward Current (mA)
[1]
1000
1540
Peak Pulsed Forward Current (mA)
1000
2200
Average Forward Current (mA)
1000
1400
LED Junction Temperature (ºC)
135
135
Storage Temperature (ºC)
40 to +120
40 to +120
Soldering Temperature (ºC)
[2]
260 for
260 for
5 seconds max
5 seconds max
ESD Sensitivity
[3]
±16,000V HBM
±16,000V HBM
Notes for Table 11:
1. Proper current derating must be observed to maintain junction temperature below the maximum. For more
information, consult the Luxeon Design Guide, available upon request.
2. Measured at leads, during lead soldering and slug attach, body temperature must not exceed 120ºC. Luxeon Emitters cannot
be soldered by general IR or Vaporphase reflow, nor by wave soldering. Lead soldering is limited to selective heating of the
leads, such as by hotbar reflow, fiber focussed IR, or hand soldering. The package back plane (slug) may not be attached by
soldering, but rather with a thermally conductive adhesive. Electrical insulation between the slug and the board is required.
Please consult Lumileds' Application Brief AB10 on Luxeon Emitter Assembly Information for further details on assembly
methods.
3. LEDs are not designed to be driven in reverse bias. Please consult Lumileds' Application Brief AB11 for further information.


Similar Part No. - LXHL-DB09

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-DB09 LUMILEDS-LXHL-DB09 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
More results

Similar Description - LXHL-DB09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
70053K ETC2-70053K Datasheet
2Mb / 28P
   THE ADVANTAGES AND BENEFITS OF USING AMVECO TOROIDAL TRANSFORMERS
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
CITIZEN ELECTRONICS CO....
CL-L102 CITIZEN-CL-L102 Datasheet
189Kb / 3P
   The light-emitting element of an LED radiates light and heat according to the input power.
logo
Unity Opto Technology
MAL-3401 UOT-MAL-3401 Datasheet
47Kb / 2P
   The PLCC Strip signage light module is comprised of a linear array of solid state light emitting diodes
logo
Shenzhen Huazhimei Semi...
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
logo
Unity Opto Technology
MAL-6001X-X08 UOT-MAL-6001X-X08 Datasheet
38Kb / 4P
   The LED Strip signage light module is comprised of a linear array of solid state light emitting diodes
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com