Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9208EAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9208EAI
Description  10-Bit Bus LVDS Deserializers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9208EAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9208EAI Datasheet HTML 4Page - Maxim Integrated Products MAX9208EAI Datasheet HTML 5Page - Maxim Integrated Products MAX9208EAI Datasheet HTML 6Page - Maxim Integrated Products MAX9208EAI Datasheet HTML 7Page - Maxim Integrated Products MAX9208EAI Datasheet HTML 8Page - Maxim Integrated Products MAX9208EAI Datasheet HTML 9Page - Maxim Integrated Products MAX9208EAI Datasheet HTML 10Page - Maxim Integrated Products MAX9208EAI Datasheet HTML 11Page - Maxim Integrated Products MAX9208EAI Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
10-Bit Bus LVDS Deserializers
______________________________________________________________________________________
11
Topologies
The MAX9206/MAX9208 deserializers can operate in a
variety of topologies. Examples of double-terminated
point-to-point and point-to-point broadcast are shown
in Figures 10 and 11. Use 1% surface-mount termina-
tion resistors.
A point-to-point interface terminated at each end in the
characteristic impedance of the cable or PC board
traces is shown in Figure 10. The total load seen by the
serializer is 50
Ω. The double termination typically
reduces reflections compared to a single 100
Ω termi-
nation. A single 100
Ω termination at the deserializer
input is feasible and makes the differential signal swing
larger.
A point-to-point version of a multidrop bus is shown in
Figure 11. The low-jitter MAX9150 10-port repeater is
used to reproduce and transmit the serializer output
over 10 double-terminated point-to-point links.
Compared to a bus, more interconnect is traded for
robust hot-plug capability.
The repeater eliminates nine serializers compared to 10
individual point-to-point serializer-to-deserializer con-
nections. Since repeater jitter is a component of the
total jitter seen at the deserializer input (along with
other sources of jitter), a low-jitter repeater is essential
in most high data-rate applications.
Board Layout
A four-layer PC board providing separate power,
ground, and signal layers is recommended. Keep the
LVTTL/LVCMOS inputs and outputs separated from the
BLVDS inputs to prevent coupling into the BLVDS lines.
Chip Information
TRANSISTOR COUNT: 9602
PROCESS: CMOS
LOGIC INPUTS
REN
PWRDN
CONDITIONS
OUTPUTS
X
Low
Power applied and stable
Power-down mode. PLL is stopped. Current consumption is reduced
to 400µA (typ). ROUT_, RCLK, and
LOCK are high impedance.
Low
High
Deserializer initialized
RCLK and ROUT_ are high impedance.
LOCK is active, indicating
the serial input status.
High
High
Deserializer initialized
RCLK and ROUT_ are active.
LOCK is active, indicating the serial
input status.
Table 2. Input/Output Function Table
X = don’t care
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ROUT0
ROUT1
ROUT2
ROUT3
ROUT4
DVCC
ROUT9
DGND
DVCC
DGND
ROUT5
ROUT6
ROUT7
ROUT8
DGND
AGND
AGND
AVCC
LOCK
RCLK
REN
PWRDN
RI-
RI+
AVCC
REFCLK
RCLK_R/F
AGND
SSOP
TOP VIEW
MAX9206/
MAX9208
Pin Configuration


Similar Part No. - MAX9208EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9208EAI MAXIM-MAX9208EAI Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9208EAI MAXIM-MAX9208EAI Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
More results

Similar Description - MAX9208EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260_03 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Maxim Integrated Produc...
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com