Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS8110D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBSS8110D
Description  100 V, 1 A NPN low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS8110D Datasheet(HTML) 5 Page - NXP Semiconductors

  PBSS8110D Datasheet HTML 1Page - NXP Semiconductors PBSS8110D Datasheet HTML 2Page - NXP Semiconductors PBSS8110D Datasheet HTML 3Page - NXP Semiconductors PBSS8110D Datasheet HTML 4Page - NXP Semiconductors PBSS8110D Datasheet HTML 5Page - NXP Semiconductors PBSS8110D Datasheet HTML 6Page - NXP Semiconductors PBSS8110D Datasheet HTML 7Page - NXP Semiconductors PBSS8110D Datasheet HTML 8Page - NXP Semiconductors PBSS8110D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
9397 750 12566
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 23 April 2004
5 of 12
Philips Semiconductors
PBSS8110D
100 V, 1 A NPN low VCEsat (BISS) transistor
7.
Characteristics
[1]
Pulse test tp ≤ 300 µs; δ ≤ 0.02.
Table 7:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =80V; IE = 0 A
-
-
100
nA
VCB =80V; IE =0A;
Tj = 150 °C
--50
µA
ICES
collector-emitter
cut-off current
VCE =80V; VBE = 0 V
-
-
100
nA
IEBO
emitter-base cut-off
current
VEB =4V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =10V; IC =1mA
150
-
-
VCE =10V; IC = 250 mA
150
-
500
VCE =10V; IC = 0.5 A
[1]
100
-
-
VCE =10V; IC =1A
[1]
80
-
-
VCEsat
collector-emitter
saturation voltage
IC = 100 mA; IB = 10 mA
--40
mV
IC = 500 mA; IB = 50 mA
-
-
120
mV
IC = 1 A; IB = 100 mA
-
-
200
mV
RCEsat
equivalent
on-resistance
IC = 1 A; IB = 100 mA
[1]
-
160
200
m
VBEsat
base-emitter
saturation voltage
IC = 1 A; IB = 100 mA
-
-
1.05
V
VBEon
base-emitter turn-on
voltage
VCE =10V; IC = 1 A
-
-
0.9
V
fT
transition frequency
VCE =10V; IC =50mA;
f = 100 MHz
100
-
-
MHz
Cc
collector capacitance
VCB =10V; IE =Ie =0A;
f=1MHz
-
-
7.5
pF


Similar Part No. - PBSS8110D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110D PHILIPS-PBSS8110D Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS8110D NXP-PBSS8110D Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
logo
Nexperia B.V. All right...
PBSS8110D NEXPERIA-PBSS8110D Datasheet
286Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
logo
NXP Semiconductors
PBSS8110D PHILIPS-PBSS8110D_15 Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results

Similar Description - PBSS8110D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS8110Z PHILIPS-PBSS8110Z Datasheet
104Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-26 April 2004
PBSS8110X PHILIPS-PBSS8110X Datasheet
148Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 01-11 May 2005
logo
Nexperia B.V. All right...
PBSS8110D NEXPERIA-PBSS8110D Datasheet
286Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS8110Y NEXPERIA-PBSS8110Y Datasheet
299Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 November 2009
logo
NXP Semiconductors
PBSS8110D NXP-PBSS8110D Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X NXP-PBSS8110X Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110Y NXP-PBSS8110Y Datasheet
185Kb / 13P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-21 November 2009
PBSS8110Z NXP-PBSS8110Z Datasheet
154Kb / 14P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 January 2007
PBSS8110T PHILIPS-PBSS8110T Datasheet
133Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
2003 Dec 22
PBSS8110D PHILIPS-PBSS8110D_15 Datasheet
172Kb / 12P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS8110X PHILIPS-PBSS8110X_15 Datasheet
214Kb / 15P
   100 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com