Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6241HVCDD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6241HVCDD
Description  Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6241HVCDD Datasheet(HTML) 3 Page - Linear Technology

  LTC6241HVCDD Datasheet HTML 1Page - Linear Technology LTC6241HVCDD Datasheet HTML 2Page - Linear Technology LTC6241HVCDD Datasheet HTML 3Page - Linear Technology LTC6241HVCDD Datasheet HTML 4Page - Linear Technology LTC6241HVCDD Datasheet HTML 5Page - Linear Technology LTC6241HVCDD Datasheet HTML 6Page - Linear Technology LTC6241HVCDD Datasheet HTML 7Page - Linear Technology LTC6241HVCDD Datasheet HTML 8Page - Linear Technology LTC6241HVCDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC6241/LTC6242
3
62412f
(LTC6241/LTC6241HV, LTC6242/LTC6242HV) The denotes the
specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V, VCM = 2.5V
unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 5)
SO-Package
0°C to 70°C
–40°C to 85°C
40
125
250
300
µV
µV
µV
GN Package
0°C to 70°C
–40°C to 85°C
50
150
275
300
µV
µV
µV
DD, DHC Packages
0°C to 70°C
–40°C to 85°C
100
550
650
725
µV
µV
µV
VOS Match Channel-to-Channel (Note 6) SO-8 Package
0°C to 70°C
–40°C to 85°C
40
160
300
375
µV
µV
µV
GN Package
0°C to 70°C
–40°C to 85°C
50
185
325
400
µV
µV
µV
DD, DHC Packages
0°C to 70°C
–40°C to 85°C
150
650
700
750
µV
µV
µV
TC VOS
Input Offset Voltage Drift (Note 7)
0.7
2.5
µV/°C
IB
Input Bias Current (Notes 5, 8)
1
75
pA
pA
PART NUMBER
AMPS/PACKAGE
SPECIFIED TEMP RANGE
SPECIFIED SUPPLY VOLTAGE
PACKAGE
PART MARKING
LTC6241CS8
2
0°C to 70°C
3V, 5V
SO-8
6241
LTC6241CDD
2
0°C to 70°C
3V, 5V
DD
LBPD
LTC6241HVCS8
2
0°C to 70°C
3V, 5V, ±5V
SO-8
6241HV
LTC6241HVCDD
2
0°C to 70°C
3V, 5V, ±5V
DD
LBRR
LTC6241IS8
2
–40°C to 85°C
3V, 5V
SO-8
6241I
LTC6241IDD
2
–40°C to 85°C
3V, 5V
DD
LBPD
LTC6241HVIS8
2
–40°C to 85°C
3V, 5V, ±5V
SO-8
241HVI
LTC6241HVIDD
2
–40°C to 85°C
3V, 5V, ±5V
DD
LBRR
LTC6242CGN
4
0°C to 70°C
3V, 5V
GN
6242
LTC6242CDHC
4
0°C to 70°C
3V, 5V
DHC
6242
LTC6242HVCGN
4
0°C to 70°C
3V, 5V, ±5V
GN
6242HV
LTC6242HVCDHC
4
0°C to 70°C
3V, 5V, ±5V
DHC
6242HV
LTC6242IGN
4
–40°C to 85°C
3V, 5V
GN
6242I
LTC6242IDHC
4
–40°C to 85°C
3V, 5V
DHC
6242
LTC6242HVIGN
4
–40°C to 85°C
3V, 5V, ±5V
GN
242HVI
LTC6242HVIDHC
4
–40°C to 85°C
3V, 5V, ±5V
DHC
6242HV
AVAILABLE OPTIO S


Similar Part No. - LTC6241HVCDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6241HVCDD LINER-LTC6241HVCDD Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results

Similar Description - LTC6241HVCDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
logo
Linear Technology
LTC6244 LINER-LTC6244 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com