Selected language     English  ▼


SM79108 Datasheet(PDF) 6 Page - SyncMOS Technologies,Inc

Part No. SM79108
Description  8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNCMOS [SyncMOS Technologies,Inc]
Homepage  http://www.syncmos.com.tw
Logo 

 6 page
background image
January 2003
Specifications subject to change without notice,contact your sales representatives for the most recent information.
6/26
Preliminary
Ver 1.0
SM79108 01/03
SyncMOS Technologies Inc.
SM79108
Preliminary
1. Watch Dog Timer
The Watch Dog Timer (WDT) is a 16-bit free-running counter that generate reset signal if the counter overflows. The WDT is
useful for systems which are susceptible to noise, power glitches, or electronics discharge which causing software dead
loop or runaway. The WDT function can help user software recover from abnormal software condition. The WDT is different
from Timer0, Timer1 and Timer2 of general 8052. To prevent a WDT reset can be done by software periodically clearing the
WDT counter. User should check WDR bit of SCONF register whenever unpracticed reset happened
The purpose of the secure procedure is to prevent the WDTC value from being changed when system runaway.
There is a 250KHz RC oscillator embedded in chip. Set WDTE = “1” will enable the RC oscillator and the frequency is inde-
pendent to the system frequency.
To enable the WDT is done by setting 1 to the bit 7 (WDTE) of WDTC. After WDTE set to 1, the 16-bit counter starts to count
with the RC oscillator. It will generate a reset signal when overflows. The WDTE bit will be cleared to 0 automatically when
SM79108 been reset, either hardware reset or WDT reset.
To reset the WDT is done by setting 1 to the CLEAR bit of WDTC before the counter overflow. This will clear the content of
the 16-bit counter and let the counter re-start to count from the beginning.
1.1 Watch Dog Timer Registers:
Watch Dog Key Register - (WDTKEY, 97H)
By default, the WDTC is read only. User need to write values 1EH, 0E1H sequentially to the WDTKEY(97H) register to
enable the WDTC write attribute, That is
MOV WDTKEY, # 1EH
MOV WDTKEY, # E1H
When WDTC is set, user need to write another values E1H, 1EH sequentially to the WDTKEY(97H) register to disable the
WDTC write attribute, That is
MOV WDTKEY, # E1H
MOV WDTKEY, # 1EH
Addr
SFR
Reset
7
6
5
4
3
2
1
0
0E2H
LCDB1
00H
SEG2
SEG2
SEG2
SEG2
SEG3
SEG3
SEG3
SEG3
0E3H
LCDB2
00H
SEG4
SEG4
SEG4
SEG4
SEG5
SEG5
SEG5
SEG5
0E4H
LCDB3
00H
SEG6
SEG6
SEG6
SEG6
SEG7
SEG7
SEG7
SEG7
0E5H
LCDB4
00H
SEG8
SEG8
SEG8
SEG8
SEG9
SEG9
SEG9
SEG9
0E6H
LCDB5
00H
SEG10
SEG10
SEG10
SEG10
SEG11
SEG11
SEG11
SEG11
0E7H
LCDB6
00H
SEG12
SEG12
SEG12
SEG12
SEG13
SEG13
SEG13
SEG13
bit-7
bit-0
WDT
KEY7
WDT
KEY6
WDT
KEY5
WDT
KEY4
WDT
KEY3
WDT
KEY2
WDT
KEY1
WDT
KEY0
Read / Write:
W
W
W
W
W
W
W
W
Reset value:
0
0
0
0
0
0
0
0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM79108_068 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM5964A8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM89S16R1_068-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM89S16R18-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM89T16R1_068-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM89T16R18-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8954A8-Bits Micro-controller With 16KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8958A_068-Bits Micro-controller With 32KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
SM8958A8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded 1 2 3 4 5 MoreSyncMOS Technologies,Inc
P89V52X28-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM 192 B data EEPROM 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl