Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5686PMTR Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC5686PMTR
Description  27-LINE 3-V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,ULTRA160,AND ULTRA320 SCSI WITH INTEGRATED SPI-3 DELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5686PMTR Datasheet(HTML) 4 Page - Texas Instruments

  UCC5686PMTR Datasheet HTML 1Page - Texas Instruments UCC5686PMTR Datasheet HTML 2Page - Texas Instruments UCC5686PMTR Datasheet HTML 3Page - Texas Instruments UCC5686PMTR Datasheet HTML 4Page - Texas Instruments UCC5686PMTR Datasheet HTML 5Page - Texas Instruments UCC5686PMTR Datasheet HTML 6Page - Texas Instruments UCC5686PMTR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UCC5686, UCC5687
27-LINE 3V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,
ULTRA160, AND ULTRA320 SCSI WITH INTEGRATED SPI3 DELAY
SLUS459B – OCTOBER 2000 – REVISED APRIL 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
pin descriptions
STRMPWR: 2.7 V to 5.25 V power supply for all circuitry except the 1.25-V regulator.
SGND: Ground reference for all circuitry except the 1.25-V regulator.
PTRMPWR: 2.7 V to 5.25 V power supply for the 1.25-V regulator.
PGND: Ground reference for the 1.25-V regulator.
REG: Output of the internal 1.25-V regulator; must be connected to a 4.7-
µF bypass capacitor and a
high-frequency, low-ESR 0.01-
µF capacitor to GND.
DIFSENS: Drives the SCSI bus DIFF SENSE line to 1.3 V to detect what types of devices are tied to the bus.
DIFFB: DIFF SENSE input pin. Connect through a 20-k
Ω resistor to DIFSENS and through a 0.1-µF capacitor
to GND. Input to comparators that detect what type of drives are connected to the SCSI bus.
DISCNCT1: Disconnect one controls termination lines 10–27 (control and low byte).
DISCNCT2: Disconnect two controls termination lines 1–9 (high byte).
LVD: TTL compatible status bit indicating when low-voltage-differential voltage is present on DIFFB.
L1– thru L27–: Negative lines for the SCSI bus.
L1+ thru L27+: Positive lines for the SCSI bus.


Similar Part No. - UCC5686PMTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5686PMTR TI1-UCC5686PMTR Datasheet
127Kb / 8P
[Old version datasheet]   27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2
UCC5686PMTRG4 TI1-UCC5686PMTRG4 Datasheet
127Kb / 8P
[Old version datasheet]   27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2
More results

Similar Description - UCC5686PMTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5646 TI1-UCC5646 Datasheet
125Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3, ULTRA160 AND ULTRA320
UCC5686 TI1-UCC5686_15 Datasheet
127Kb / 8P
[Old version datasheet]   27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2
UCC5680 TI-UCC5680 Datasheet
277Kb / 6P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR WITH INTEGRATED SPI-3 DELAY
UCC5642 TI1-UCC5642 Datasheet
502Kb / 12P
[Old version datasheet]   LVD-ONLY SCSI TERMINATOR WITH REGULATOR AND SPI-3 DELAY
logo
Maxim Integrated Produc...
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
   Ultra3 LVD SCSI Terminator
REV: 010506
logo
Dallas Semiconductor
DS2120 DALLAS-DS2120 Datasheet
334Kb / 10P
   Ultra3 LVD SCSI Terminator
logo
Texas Instruments
UCC5696 TI-UCC5696 Datasheet
176Kb / 12P
[Old version datasheet]   27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com