Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC2343257A Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC2343257A
Description  4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2343257A Datasheet(HTML) 8 Page - OKI electronic componets

  MSC2343257A Datasheet HTML 1Page - OKI electronic componets MSC2343257A Datasheet HTML 2Page - OKI electronic componets MSC2343257A Datasheet HTML 3Page - OKI electronic componets MSC2343257A Datasheet HTML 4Page - OKI electronic componets MSC2343257A Datasheet HTML 5Page - OKI electronic componets MSC2343257A Datasheet HTML 6Page - OKI electronic componets MSC2343257A Datasheet HTML 7Page - OKI electronic componets MSC2343257A Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MSC2343257A-xxBS8/DS8
¡ Semiconductor
108
See ADDENDUM I for AC Timing Waveforms
Notes:
1. A start-up delay of 200
µs is required after power-up, followed by a minimum of eight
initializationcycles(RAS-onlyrefreshorCASbefore RAS refresh)beforeproperdevice
operation is achieved.
2. The AC characteristics assume tT = 5 ns.
3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals.
Transition times (tT) are measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 2 TTL loads and 100 pF.
5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified
tRCD (Max.) limit, access time is controlled by tCAC.
6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified
tRAD (Max.) limit, access time is controlled by tAA.
7. tCEZ (Max.), tREZ (Max.) and tWEZ (Max.) define the time at which the output achieves
the open circuit condition and are not referenced to output voltage levels.
8. tCEZ and tREZ must be satisfied for open circuit condition.
9. tRCH or tRRH must be satisfied for a read cycle.
10. The test mode is initiated by performing a WE and CAS before RAS refresh cycle.
This mode is latched and remains in effect until the exit cycle is generated.
The test mode specified in this data sheet is an 8-bit parallel test function. CA0, CA1
and CA10 are not used. In a read cycle, if all internal bits are equal, the DQ pin will
indicate a high level. If any internal bits are not equal, the DQ pin will indicate a low
level. The test mode is cleared and the memory device returned to its normal
operating state by performing a RAS-only refresh cycle or a CAS before RAS refresh
cycle.
The 4M ¥ 32 module can be tested as an 1M ¥ 32 module in this test mode.
11. In a test mode read cycle, the access time parameters are delayed by 5 ns. The test
mode parameters are obtained by adding 5 ns to the normal read cycle values.


Similar Part No. - MSC2343257A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D-XXBS8 OKI-MSC2343257D-XXBS8 Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D-XXDS8 OKI-MSC2343257D-XXDS8 Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC2343257A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23432A OKI-MSC23432A Datasheet
576Kb / 8P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258A OKI-MSC2313258A Datasheet
59Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V43257D OKI-MSC23V43257D Datasheet
53Kb / 10P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257D-XXBS8 OKI-MSC23CV43257D-XXBS8 Datasheet
83Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TA OKI-MSC23V47257TA Datasheet
60Kb / 5P
   4,194,304-Word 쨈 72-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com