Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CTQ050S Datasheet(PDF) 1 Page - International Rectifier

Part # 30CTQ050S
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CTQ050S Datasheet(HTML) 1 Page - International Rectifier

  30CTQ050S Datasheet HTML 1Page - International Rectifier 30CTQ050S Datasheet HTML 2Page - International Rectifier 30CTQ050S Datasheet HTML 3Page - International Rectifier 30CTQ050S Datasheet HTML 4Page - International Rectifier 30CTQ050S Datasheet HTML 5Page - International Rectifier 30CTQ050S Datasheet HTML 6Page - International Rectifier 30CTQ050S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHOTTKY RECTIFIER
30 Amp
PD-2.300 rev. B 04/99
1
www.irf.com
This center tap Schottky rrectifier has been optimized for very
low forward voltage drop, with moderate leakage. The
proprietary barrier technology allows for reliable operation up to
150° C junction temperature. Typical applications are in
switching power supplies, converters, free-wheeling diodes,
and reverse battery protection.
150° C T
J
operation
Center tap configuration
Very low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Description/Features
Case Styles
30CTQ...
30CTQ...S
30CTQ...-1
TO-220
D2PAK
TO-262
30CTQ...
30CTQ...S
30CTQ...-1
Major Ratings and Characteristics
I
F(AV)
Rectangular
30
A
waveform
V
RRM
50/60
V
I
FSM
@ tp = 5 µs sine
1000
A
V
F
@20 Apk, T
J
= 125°C
0.56
V
(per leg)
T
J
range
-55to150
°C
Characteristics
Values
Units


Similar Part No. - 30CTQ050S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTQ050S IRF-30CTQ050S Datasheet
258Kb / 7P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
30CTQ050S VISHAY-30CTQ050S Datasheet
133Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
logo
Inchange Semiconductor ...
30CTQ050S ISC-30CTQ050S Datasheet
322Kb / 2P
   Schottky Rectifier
logo
International Rectifier
30CTQ050SPBF IRF-30CTQ050SPBF Datasheet
258Kb / 7P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
30CTQ050SPBF VISHAY-30CTQ050SPBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
More results

Similar Description - 30CTQ050S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com