Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25L40PMF-50UF Datasheet(PDF) 10 Page - AMIC Technology

Part # A25L40PMF-50UF
Description  8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L40PMF-50UF Datasheet(HTML) 10 Page - AMIC Technology

Back Button A25L40PMF-50UF Datasheet HTML 6Page - AMIC Technology A25L40PMF-50UF Datasheet HTML 7Page - AMIC Technology A25L40PMF-50UF Datasheet HTML 8Page - AMIC Technology A25L40PMF-50UF Datasheet HTML 9Page - AMIC Technology A25L40PMF-50UF Datasheet HTML 10Page - AMIC Technology A25L40PMF-50UF Datasheet HTML 11Page - AMIC Technology A25L40PMF-50UF Datasheet HTML 12Page - AMIC Technology A25L40PMF-50UF Datasheet HTML 13Page - AMIC Technology A25L40PMF-50UF Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
A25L80P
PRELIMINARY
(May 2005, Version 0.0)
9
AMIC Technology Corp.
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 4.) sets the Write
Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set prior to every
Page Program (PP), Sector Erase (SE), Bulk Erase (BE) and
Write Status Register (WRSR) instruction.
The Write Enable (WREN) instruction is entered by driving
Chip Select (
S ) Low, sending the instruction code, and then
driving Chip Select (
S ) High.
Figure 4. Write Enable (WREN) Instruction Sequence
S
C
D
Q
High Impedance
Instruction
0 1 23 45 6 7
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 5.) resets the
Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by driving Chip
Select ( S ) Low, sending the instruction code, and then driving
Chip The Write Enable Latch (WEL) bit is reset under the
following conditions:
Power-up
Write Disable (WRDI) instruction completion
Write Status Register (WRSR) instruction completion
Page Program (PP) instruction completion
Sector Erase (SE) instruction completion
Bulk Erase (BE) instruction completion
Figure 5. Write Disable (WRDI) Instruction Sequence
S
C
D
Q
High Impedance
Instruction
0 1 23 45 6 7


Similar Part No. - A25L40PMF-50UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
   4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L40PT-F AMICC-A25L40PT-F Datasheet
473Kb / 38P
   4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L40PT-UF AMICC-A25L40PT-UF Datasheet
473Kb / 38P
   4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L40PTM-F AMICC-A25L40PTM-F Datasheet
473Kb / 38P
   4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L40PTM-UF AMICC-A25L40PTM-UF Datasheet
473Kb / 38P
   4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
More results

Similar Description - A25L40PMF-50UF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
   8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
   128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com