2 / 4 page
AZ10EL89
October 2001 * REV - 0
www.azmicrotek.com
2
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
PECL Power Supply
(VEE = 0V)
0 to +8.0
Vdc
VI
PECL Input Voltage
(VEE = 0V)
0 to +6.0
Vdc
VEE
ECL Power Supply
(VCC = 0V)
-8.0 to 0
Vdc
VI
ECL Input Voltage
(VCC = 0V)
-6.0 to 0
Vdc
IOUT
Output Current
--- Continuous
--- Surge
50
100
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
10K ECL DC Characteristics (VEE = -4.2V to -5.7V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1
-1230
-980
-1180
-940
-1130
-900
-1060
-810
mV
VOL
Output LOW Voltage1
-2900
-2580
-2950
-2570
-3000
-2560
-3050
-2510
mV
VIH
Input HIGH Voltage
-1230
-890
-1170
-840
-1130
-810
-1060
-720
mV
VIL
Input LOW Voltage
-1950
-1500
-1950
-1480
-1950
-1480
-1950
-1445
mV
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IIH
Input HIGH Current
150
150
150
150
µA
IEE
Power Supply Current
23
28
23
28
23
28
23
28
mA
1.
Each output is terminated through a 50
Ω resistor to VCC – 3V.
10K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1,2
3770
4020
3820
4060
3870
4100
3940
4190
mV
VOL
Output LOW Voltage1,2
2100
2420
2050
2430
2000
2440
1950
2490
mV
VIH
Input HIGH Voltage1
3770
4110
3830
4160
3870
4190
3940
4280
mV
VIL
Input LOW Voltage1
3050
3500
3050
3520
3050
3520
3050
3555
mV
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IIH
Input HIGH Current
150
150
150
150
µA
IEE
Power Supply Current
23
28
23
28
23
28
23
28
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to VCC – 3V.
AC Characteristics (VEE = -4.2V to -5.7V, VCC = GND or VEE = GND, VCC = +4.2V to +5.7V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tmax
Maximum Toggle Rate
1.5
Gb/s
tPLH / tPHL
Propagation Delay
to Output
200
340
480
250
340
430
260
350
440
310
400
490
ps
tSKEW
Within-Device Skew1
Duty Cycle Skew2
5
20
5
20
5
20
5
20
ps
VPP (AC)
Minimum Input Swing3
150
150
150
150
mV
VCMR
Common Mode Range4
VEE +
2.5
VCC -
0.4
VEE +
2.5
VCC -
0.4
VEE +
2.5
VCC -
0.4
VEE +
2.5
VCC -
0.4
V
tr / tf
Output Rise/Fall Times Q
(20% - 80%)
205
455
205
455
205
455
205
455
ps
1.
Within-device skew defined as identical transitions on similar paths through a device.
2.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
3.
VPP is the minimum peak-to-peak differential input swing for which AC parameters guaranteed. The device has a DC gain of
≈ 40.
4.
The VCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak-to-peak voltage lies between VPP (min) and 1V.