Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ961 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ961
Description  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ961 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ961 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ961 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPST NO (1 Form A)
SPDT
(1 Form C)
Ratings
Resistive load:
1 Form A
Max. switched power:
150 W or 1250 VA
Max. switched current: 5 A
Max. switched voltage: 150 VDC* or 300 VAC
1 Form C
Max. switched power:
150 W or 1250 VA (N.O.)
750 VA (N.C.)
Max. switched current: 5 A (N.O.), 3 A (N.C.)
Max. switched voltage: 150 VDC* or 300 VAC
UL, CUR
1 Form A: 5 A at 250 VAC, General Use
3 A at 30 VDC
1 Form C: 5 A / 3 A at 250 VAC, General Use
5 A / 3 A at 30 VDC (N.O. / N.C.)
*
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Material
Silver cadmium oxide
Resistance
< 100 milliohms initially
(6 V 1 A voltage drop method)
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2003-06-23
AZ961
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 5 A 240 VAC Res. N.O.
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
2000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
4000 V surge (2 x 10 us) coil to contact
Insulation Resistance
1000 megohms min. at 500 VDC,
20°C, 50% RH
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
Operating Standard: 40°C (-40°F) to 75°C (167°F)
Sensitive: 40°C (-40°F) to 85°C (186°F)
Storage
40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
250°C (482°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
8 grams
MINIATURE
POWER RELAY
FEATURES
• 1 Form A or 1 Form C
• Standard and sensitive coils
• All plastics rated 94V-0
• Epoxy sealed version available
• Class B insulation system
• UL, CUR file E43203
COIL
Power
At Pickup Voltage
Standard coil: 176 mW
(typical)
Sensitive coil: 129 mW
Max Continuous
1.5 W at 20°C (68°F)
Dissipation
Temperature Rise
At nominal coil voltage:
Standard coil: 27°C (49°F)
Sensitive coil: 20°C (36°F)
Max. Temperature
130°C (266°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ961

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ961 AZETTLER-AZ961 Datasheet
111Kb / 2P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ961 ZETTLER-AZ961 Datasheet
115Kb / 2P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ961-1A-12D AZETTLER-AZ961-1A-12D Datasheet
111Kb / 2P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ961-1A-12D ZETTLER-AZ961-1A-12D Datasheet
115Kb / 2P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ961-1A-12DS AZETTLER-AZ961-1A-12DS Datasheet
111Kb / 2P
   MINIATURE POWER RELAY
More results

Similar Description - AZ961

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com