Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M32-XG3X Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS1M32-XG3X
Description  1Mx32 SRAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS1M32-XG3X Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS1M32-XG3X Datasheet HTML 1Page - List of Unclassifed Manufacturers WS1M32-XG3X Datasheet HTML 2Page - List of Unclassifed Manufacturers WS1M32-XG3X Datasheet HTML 3Page - List of Unclassifed Manufacturers WS1M32-XG3X Datasheet HTML 4Page - List of Unclassifed Manufacturers WS1M32-XG3X Datasheet HTML 5Page - List of Unclassifed Manufacturers WS1M32-XG3X Datasheet HTML 6Page - List of Unclassifed Manufacturers WS1M32-XG3X Datasheet HTML 7Page - List of Unclassifed Manufacturers WS1M32-XG3X Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
White Electronic Designs Corporation • Phoenix AZ • (602) 437-1520
White Electronic Designs
WS1M32-XXX
Parameter
Symbol
-17
-20
-25
Units
Read Cycle
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
17
20
25
ns
Address Access Time
tAA
17
20
25
ns
Output Hold from Address Change
tOH
00
0
ns
Chip Select Access Time
tACS
17
20
25
ns
Output Enable to Output Valid
tOE
10
10
12
ns
Chip Select to Output in Low Z
tCLZ1
22
2
ns
Output Enable to Output in Low Z
tOLZ1
00
0
ns
Chip Disable to Output in High Z
tCHZ1
12
12
12
ns
Output Disable to Output in High Z
tOHZ1
12
12
12
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
(VCC=5.0V,GND=0V,TA=-55°Cto+125°C)
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75W.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
AC CHARACTERISTICS
(VCC=5.0V,GND=0V,TA=-55°Cto+125°C)
AC TEST CONDITIONS
Parameter
Typ
Unit
InputPulseLevels
VIL = 0, VIH = 3.0 V
Input Rise and Fall
5
ns
InputandOutputReferenceLevel
1.5
V
OutputTimingReferenceLevel
1.5
V
Parameter
Symbol
-17
-20
-25
Units
Write Cycle
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
17
20
25
ns
Chip Select to End of Write
tCW
15
15
17
ns
Address Valid to End of Write
tAW
15
15
17
ns
Data Valid to End of Write
tDW
11
12
13
ns
Write Pulse Width
tWP
15
15
17
ns
Address Setup Time
tAS
22
2
ns
Address Hold Time
tAH
00
0
ns
Output Active from End of Write
tOW1
23
4
ns
Write Enable to Output in High Z tWHZ1
911
13
ns
Data Hold Time
tDH
00
0
ns
1. This parameter is guaranteed by design but not tested.
AC TEST CIRCUIT


Similar Part No. - WS1M32-XG3X

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M32V-17G3C WEDC-WS1M32V-17G3C Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3CA WEDC-WS1M32V-17G3CA Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3I WEDC-WS1M32V-17G3I Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3IA WEDC-WS1M32V-17G3IA Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3M WEDC-WS1M32V-17G3M Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
More results

Similar Description - WS1M32-XG3X

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
logo
Hynix Semiconductor
HY5DU323222QP HYNIX-HY5DU323222QP Datasheet
696Kb / 29P
   32M(1Mx32) DDR SDRAM
logo
White Electronic Design...
EDI9LC644V WEDC-EDI9LC644V Datasheet
1Mb / 25P
   128Kx32 SSRAM/1Mx32 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com