Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE5614L Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # XE5614L
Description  Compact 56 KBPS Modem Module for Embedded Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE5614L Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button XE5614L Datasheet HTML 6Page - List of Unclassifed Manufacturers XE5614L Datasheet HTML 7Page - List of Unclassifed Manufacturers XE5614L Datasheet HTML 8Page - List of Unclassifed Manufacturers XE5614L Datasheet HTML 9Page - List of Unclassifed Manufacturers XE5614L Datasheet HTML 10Page - List of Unclassifed Manufacturers XE5614L Datasheet HTML 11Page - List of Unclassifed Manufacturers XE5614L Datasheet HTML 12Page - List of Unclassifed Manufacturers XE5614L Datasheet HTML 13Page - List of Unclassifed Manufacturers XE5614L Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
XECOM
(10)
XE5614L
XE5614L Modem Registers
S0
Answer on nth Ring: S0 sets the modem to
automatically answer on the nth ring. Setting S0 to 0
disables automatic answer.
Range:
0 to 255
Units
Rings
Default
0
S1
Ring Count: S1 is a read-only register showing the
number of rings detected. If a ring is not detected within
8 seconds, S1 is reset to zero.
Range:
0 to 255
Units
Rings
Default
0
S2
Escape Character: S2 sets the ASCII escape character.
Values of 0-127 select valid ASCII escape characters;
values from 128 to 255 disable the escape sequence.
Range:
0 to 255
Units
ASCII Character
Default
43 (+)
S3
Carriage Return Character: S3 determines the ASCII
character to serve as a carriage return to terminate
commands and modem responses.
Range:
0 to 127
Units
ASCII Character
Default
13 (Carriage Return)
S4
Line Feed Character: S4 sets the ASCII character to
act as a line feed character in modem responses.
Range:
0 to 127
Units
ASCII Character
Default
10 (Line Feed)
S5
Back Space Character: S5 defines the ASCII character
used as a backspace to edit the command line.
Range:
0 to 32
Units
ASCII Character
Default
8 (Back Space)
S6
Dial Tone Wait Time: S6 determines how long the
modem waits for dial tone before dialing begins. The
Dial Tone Wait Time cannot be set to less than two
seconds.
Range:
2 to 255
Units
Seconds
Default
2
S7 Wait for Carrier after Dialing: S7 determines how long
the modem waits for a valid carrier signal after dialing.
Range:
1 to 255
Units
Seconds
Default
50
S8
Comma Pause Time: S8 defines the duration of the
pause set by a comma in the dialing string. The pause is
generally used when waiting for a second dial tone.
Range:
1 to 255
Units
Seconds
Default
50
S9
Reserved
S10 Carrier Off Disconnect Delay: S10 selects how long
carrier must be lost before the modem disconnects.
Range:
1 to 255
Units
0.1 Seconds
Default
14
S11 Tone Dialing Speed: S10 sets the duration and spacing of
the dialing tones. S11 does not affect pulse dialing.
Range:
50 to 255
Units
1 Millisecond
Default
95
S12 Escape Code Guard Timer: S12 sets the guard timer for
the escape sequence. If characters are received within the
guard time, the modem aborts the escape attempt and
remains in data mode.
Range:
0 to 255
Units
0.02 Seconds
Default
50
S14 General Bit-Mapped Options: S14 reflects the state of
several "AT" commands.
Bit 0,4,6 Not Used
Bit 1
0 = Echo Disabled (ATE0)
1 = Echo Active (ATE1)
Bit 2
0 = Send Result Codes (ATQ0)
1 = No Result Codes (ATQ1)
Bit 3
0 = Numeric Result Codes (ATV0)
1 = Full Word Result Codes (ATV1)
Bit 5
0 = Tone Dialing Selected (T)
1 = Pulse Dialing Selected (P)
Bit 7
0 = Answer
1 = Originate


Similar Part No. - XE5614L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE5620 ETC-XE5620 Datasheet
237Kb / 18P
   56 KBPS Surface-Mountable Integrated Sealed-Hybrid Modem
XE5620-ITR ETC-XE5620-ITR Datasheet
237Kb / 18P
   56 KBPS Surface-Mountable Integrated Sealed-Hybrid Modem
XE5690G ETC1-XE5690G Datasheet
70Kb / 16P
   Worldst Smallest Complete V.90 Modem
XE5690H ETC1-XE5690H Datasheet
70Kb / 16P
   Half-Size, Low-Cost Global Embedded Modem
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
More results

Similar Description - XE5614L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE3314L ETC2-XE3314L Datasheet
58Kb / 16P
   Compact 33.6 KBPS Modem Module for Embedded Applications
XE1414C ETC-XE1414C Datasheet
77Kb / 18P
   Worldwide 14.4 KBPS Modem Module for Embedded Applications
logo
Agere Systems
OCM-22 AGERE-OCM-22 Datasheet
184Kb / 4P
   One-Chip Modem for Embedded Applications
logo
Clare, Inc.
CPC2400E CLARE-CPC2400E Datasheet
117Kb / 18P
   Embedded Modem Module
logo
Synaptics Incorporated.
CX06833 CONEXANT-CX06833 Datasheet
211Kb / 2P
   Controller-Based Modem for Embedded Applications
logo
List of Unclassifed Man...
XE5620 ETC-XE5620 Datasheet
237Kb / 18P
   56 KBPS Surface-Mountable Integrated Sealed-Hybrid Modem
logo
Axiomtek Co., Ltd.
AX60530 AXIOMTEK-AX60530_16 Datasheet
165Kb / 1P
   Compact design for embedded applications
logo
List of Unclassifed Man...
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
logo
Advantech Co., Ltd.
ARK-6610 ADVANTECH-ARK-6610 Datasheet
950Kb / 2P
   Compact Mini-ITX Chassis for Embedded Applications
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com