Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M32-25G3M Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WS1M32-25G3M
Description  1Mx32 SRAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS1M32-25G3M Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  WS1M32-25G3M Datasheet HTML 1Page - List of Unclassifed Manufacturers WS1M32-25G3M Datasheet HTML 2Page - List of Unclassifed Manufacturers WS1M32-25G3M Datasheet HTML 3Page - List of Unclassifed Manufacturers WS1M32-25G3M Datasheet HTML 4Page - List of Unclassifed Manufacturers WS1M32-25G3M Datasheet HTML 5Page - List of Unclassifed Manufacturers WS1M32-25G3M Datasheet HTML 6Page - List of Unclassifed Manufacturers WS1M32-25G3M Datasheet HTML 7Page - List of Unclassifed Manufacturers WS1M32-25G3M Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
WS1M32-XXX
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
PACKAGE 511: 84 LEAD, CERAMIC QUAD FLAT PACK (G3)
0.38 (0.015)
± 0.05 (0.002)
4.12 (0.162) ± 0.20 (0.008)
1.27 (0.050) TYP
29.11 (1.146)
± 0.25 (0.010)
25.40 (1.000) TYP
4.29 (0.169)
± 0.28 (0.011)
0.19 (0.008)
± 0.06 (0.003)
1.02 (0.040)
± 0.12 (0.005)
0.25 (0.010)
± 0.03 (0.002)
1 / 7
R 0.127
(0.005) MIN
DETAIL A
SEE DETAIL "A"
Pin 1
0.27 (0.011)
± 0.04 (0.001)
+
30.23 (1.190) ± 0.25 (0.010) SQ
27.18 (1.070) ± 0.25 (0.010) SQ
The WEDC 84 lead G3
CQFP fills the same fit
and function as the
JEDEC 84 lead CQFJ or
84 PLCC. But the G3 has
the TCE and lead inspec-
tion advantage of the
CQFP form.
1.146"


Similar Part No. - WS1M32-25G3M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M32V-17G3C WEDC-WS1M32V-17G3C Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3CA WEDC-WS1M32V-17G3CA Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3I WEDC-WS1M32V-17G3I Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3IA WEDC-WS1M32V-17G3IA Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3M WEDC-WS1M32V-17G3M Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
More results

Similar Description - WS1M32-25G3M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
logo
Hynix Semiconductor
HY5DU323222QP HYNIX-HY5DU323222QP Datasheet
696Kb / 29P
   32M(1Mx32) DDR SDRAM
logo
White Electronic Design...
EDI9LC644V WEDC-EDI9LC644V Datasheet
1Mb / 25P
   128Kx32 SSRAM/1Mx32 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com