Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT71D04 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT71D04
Description  4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D04 Datasheet(HTML) 4 Page - Exar Corporation

  XRT71D04 Datasheet HTML 1Page - Exar Corporation XRT71D04 Datasheet HTML 2Page - Exar Corporation XRT71D04 Datasheet HTML 3Page - Exar Corporation XRT71D04 Datasheet HTML 4Page - Exar Corporation XRT71D04 Datasheet HTML 5Page - Exar Corporation XRT71D04 Datasheet HTML 6Page - Exar Corporation XRT71D04 Datasheet HTML 7Page - Exar Corporation XRT71D04 Datasheet HTML 8Page - Exar Corporation XRT71D04 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
XRT71D04
áç
áç
áç
áç
4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
REV. 1.1.1
3
PIN DESCRIPTIONS
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION
1
AVDD
****
Analog Power Supply = 5V±5% or 3.3V±5%
2
NC
No Connection
3
GND
****
Digital Ground
4
RRCLK_0
O
Received Recovered Output (De-jittered) Clock - channel 0:
Output is the de-jittered or smoothed clock if the jitter attenuator is enabled. The
de-jittered data, RRPOS/RRNEG are clocked to this signal.
If RRCLKES is “low”, RRPOS/RRNEG will be updated at the falling edge of
RRCLK.
If RRCLKES is “high”, RRPOS/RRNEG will be updated at the rising edge of
RRCLK.
5
RRPOS_0
O
Received Recovered Positive Data (De-Jittered) Output - channel 0:
De-jittered positive data output. Updated on the rising or falling edge of RRCLK,
depending upon the state of the RRCLKES input pin (or bit-field setting).
6
RRNEG_0
O
Received Recovered Negative Data (De-Jittered) Output - channel 0:
De-jittered negative data output. Updated on the rising or falling edge of RRCLK,
depending upon the state of the RRCLKES input pin (or bit-field setting).
7
RRCLKES
I
Received Recovered Clock Edge Select Input:
Hardware Mode:
1. When RRCLKES = “0”, then RRPOS and RRNEG are updated on the falling
edge of RRCLK
2. When RRCLKES = “1”, then RRPOS and RRNEG are updated on the rising
edge of RRCLK
NOTE: This applies to all channels.
Host Mode
Connect this pin to GND when the 71D04 is configured in the Host Mode.
Internal 50 K Ohm pull-down resistor.
8
NC
No Connection
9
Reset
I
Reset Input. (Active-Low):
A high-low transition will re-center the internal FIFO, and will clear the Command
Registers (for Host Mode operation). Resetting this pin may corrupt data within
the device.
For normal operation, pull this pin to VDD.
Internal 50 K Ohm pull-up resistor.
10
DS3/E3_1
I
DS3/E3 Select Input - channel 1:
This pin along with the STS-1 mode select pin selects the operating mode. The
following table provides the configuration:
STS-1
DS3/E3
XRT71D04 Operating Mode
0
0
DS3
(44.736 MHz)
0
1
E3 (34.368 MHz)
1
0
STS-1 (51.84 MHz)
1
1
E3 (34.368 MHz)
Internal 50 K Ohm pull-down resistor.
11
VDD
****
Digital Power Supply = 5V±5% or 3.3V±5%


Similar Part No. - XRT71D04

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00 EXAR-XRT71D00 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
More results

Similar Description - XRT71D04

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
Teridian Semiconductor ...
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
   4-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
Asahi Kasei Microsystem...
AK2504A AKM-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/E3 Transceiver
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
XF0506-20 XFMRS-XF0506-20 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
logo
TDK Electronics
78P7200L TDK-78P7200L Datasheet
339Kb / 24P
   E3/DS3/STS-1 Transceiver
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com