Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2KBB10 Datasheet(PDF) 3 Page - International Rectifier

Part # 2KBB10
Description  2KBB SERIES 1.9A single phase rectifier bridge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2KBB10 Datasheet(HTML) 3 Page - International Rectifier

  2KBB10 Datasheet HTML 1Page - International Rectifier 2KBB10 Datasheet HTML 2Page - International Rectifier 2KBB10 Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 2KBB10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2KBB10 IRF-2KBB10 Datasheet
67Kb / 3P
   1.9A single phase rectifier bridge
logo
Vishay Siliconix
2KBB10 VISHAY-2KBB10 Datasheet
82Kb / 4P
   Single Phase Rectifier Bridge, 1.9 A
Revision: 17-Jun-08
2KBB10 VISHAY-2KBB10 Datasheet
92Kb / 5P
   Single Phase Rectifier Bridge, 1.9 A
Revision: 17-Jun-08
logo
International Rectifier
2KBB100 IRF-2KBB100 Datasheet
67Kb / 3P
   1.9A single phase rectifier bridge
logo
Vishay Siliconix
2KBB100 VISHAY-2KBB100 Datasheet
82Kb / 4P
   Single Phase Rectifier Bridge, 1.9 A
Revision: 17-Jun-08
More results

Similar Description - 2KBB10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2KBB IRF-2KBB Datasheet
67Kb / 3P
   1.9A single phase rectifier bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com