Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT71D04IV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT71D04IV
Description  4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D04IV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT71D04IV Datasheet HTML 6Page - Exar Corporation XRT71D04IV Datasheet HTML 7Page - Exar Corporation XRT71D04IV Datasheet HTML 8Page - Exar Corporation XRT71D04IV Datasheet HTML 9Page - Exar Corporation XRT71D04IV Datasheet HTML 10Page - Exar Corporation XRT71D04IV Datasheet HTML 11Page - Exar Corporation XRT71D04IV Datasheet HTML 12Page - Exar Corporation XRT71D04IV Datasheet HTML 13Page - Exar Corporation XRT71D04IV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
XRT71D04
áç
áç
áç
áç
4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
REV. 1.1.1
9
ELECTRICAL CHARACTERISTICS
AC Electrical Characteristics
Electrical Characteristics (TA = 25°C, VDD = 3.3 V t0 5.0 V± 5 % unless otherwise specified)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS.
MClk
Duty Cycle
30
50
70
%
MClk
Frequency E3 + 20 ppm
34.368
MHz
MClk
Frequency DS3 + 20 ppm
44.736
MHz
MClk
Frequency STS-1 + 20 ppm
51.84
MHz
RClk
Duty Cycle
30
50
70
%
RClk
Rise Time
5ns
RClk
Fall Time
5ns
tsu
RPOS/RNEG to RClk rise time setup
5
ns
th
RPOS/RNEG to RClk rising hold time
5
ns
td
RRPOS/RRNEG delay from RRClk rising
5
ns
te
RRPOS/RRNEG delay from RRClk falling
5
ns
FIGURE 3. INPUT/OUTPUT TIMING
t
h
t
su
t
d
t
e
t
su
t
h
RCLK
RCLK
RPOS/RNEG
RPOS/RNEG
RCLK
RPOS/RNEG
RPOS/RNEG
RCLK
RClkES = 0
RClkES = 1


Similar Part No. - XRT71D04IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00 EXAR-XRT71D00 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
More results

Similar Description - XRT71D04IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
113Kb / 18P
   E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
Teridian Semiconductor ...
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
   4-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
Asahi Kasei Microsystem...
AK2504A AKM-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/E3 Transceiver
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
XF0506-20 XFMRS-XF0506-20 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
logo
TDK Electronics
78P7200L TDK-78P7200L Datasheet
339Kb / 24P
   E3/DS3/STS-1 Transceiver
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com