Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT0402M4G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CT0402M4G
Description  Metal Oxide Varistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CT0402M4G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CT0402M4G Datasheet HTML 1Page - List of Unclassifed Manufacturers CT0402M4G Datasheet HTML 2Page - List of Unclassifed Manufacturers CT0402M4G Datasheet HTML 3Page - List of Unclassifed Manufacturers CT0402M4G Datasheet HTML 4Page - List of Unclassifed Manufacturers CT0402M4G Datasheet HTML 5Page - List of Unclassifed Manufacturers CT0402M4G Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Metal Oxide Varistors
CT0402M4G
SMD multilayer varistor with Ni-barrier termination
B72590T0040M060
ISSUE DATE
28.01.2005
ISSUE
g
PUBLISHER
KB VS PE
PAGE
4/6
Recommended geometry of solder pad
A = 0.6 mm
B = 0.6 mm
C = 0.5 mm
E = 1.7 mm
Recommended soldering temperature profile
100 s
at max. temp.
100
20
0
50
100
Preheating zone
max. 2
180
T
245
215
300
Soldering zone
max. 7 s
150
200
VAR0543-W-E
250
t
s
(natural air cooling)
40 s
max. 2
Cooling-down zone
C
C/s
C/s
This component should be soldered within 12 months after delivery from EPCOS. They
should be left in their original packings to avoid soldering problems due to oxidized terminals.
Storage temperature:
-25 to 45 °C
Relative humidity: < 75% annual average, < 95% on maximum 30 days in a year.
The usage of mild non-activated fluxes for soldering is recommended, as well as proper
cleaning of the PCB.
The components are suited for Pb-free soldering.
A
A
D
C
B
B


Similar Part No. - CT0402M4G

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT0402M17GK2 EPCOS-CT0402M17GK2 Datasheet
1Mb / 81P
   Ceramic transient voltage suppressors
More results

Similar Description - CT0402M4G

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com