Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETF08S Datasheet(PDF) 4 Page - International Rectifier

Part # 20ETF08S
Description  FAST SOFT RECOVERY RECTIFIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF08S Datasheet(HTML) 4 Page - International Rectifier

  20ETF08S Datasheet HTML 1Page - International Rectifier 20ETF08S Datasheet HTML 2Page - International Rectifier 20ETF08S Datasheet HTML 3Page - International Rectifier 20ETF08S Datasheet HTML 4Page - International Rectifier 20ETF08S Datasheet HTML 5Page - International Rectifier 20ETF08S Datasheet HTML 6Page - International Rectifier 20ETF08S Datasheet HTML 7Page - International Rectifier 20ETF08S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
20ETF..S HV QUIET
IR Series
I2128 rev. A 01/2000
Fig. 8 - Recovery Time Characteristics, T
J
= 25°C
Fig. 9 - Recovery Time Characteristics, T
J
= 150°C
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
50
100
150
200
250
300
350
1
10
100
Number O f Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
20ETF.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
50
100
150
200
250
300
350
400
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration.
20ETF.. Series
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Maximum Non Repetitive Surge Current
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
20ETF.. Series
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
50
100
150
200
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T
= 25 °C
J
FM
0
0.3
0.6
0.9
1.2
0
50
100
150
200
Rate Of Fall Of Forward Current - di/dt (A/µs)
1 A
5 A
10 A
I
= 30 A
20 A
20ETF.. Series
T
= 150 °C
J
FM


Similar Part No. - 20ETF08S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETF08S VISHAY-20ETF08S Datasheet
236Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 17-Sep-09
logo
Inchange Semiconductor ...
20ETF08S ISC-20ETF08S Datasheet
284Kb / 2P
   Fast Recovery Rectifier Diode
logo
Vishay Siliconix
20ETF08SPBF VISHAY-20ETF08SPBF Datasheet
236Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 17-Sep-09
20ETF08SRTL VISHAY-20ETF08SRTL Datasheet
236Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 17-Sep-09
20ETF08SRTLPBF VISHAY-20ETF08SRTLPBF Datasheet
236Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 17-Sep-09
More results

Similar Description - 20ETF08S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com