Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETS12S Datasheet(PDF) 3 Page - International Rectifier

Part # 20ETS12S
Description  INPUT RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETS12S Datasheet(HTML) 3 Page - International Rectifier

  20ETS12S Datasheet HTML 1Page - International Rectifier 20ETS12S Datasheet HTML 2Page - International Rectifier 20ETS12S Datasheet HTML 3Page - International Rectifier 20ETS12S Datasheet HTML 4Page - International Rectifier 20ETS12S Datasheet HTML 5Page - International Rectifier 20ETS12S Datasheet HTML 6Page - International Rectifier 20ETS12S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
20ETS.., 20ETS..S SAFE
IR Series
Bulletin I2101 rev. D 12/01
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
90
100
110
120
130
140
150
0
2
4
6
8
10 12 1 4 16 18 20 22
30
60
90 120
180
Cond uction A n gle
A vera g e Fo rw a rd C urrent (A )
20ETS.. Serie s
R
(D C ) = 1.3 C /W
thJC
90
100
110
120
130
140
150
0
5
10
15
20
25
30
35
DC
30
60
90
120
180
C ond uction Period
A ve rag e Forw ard C urre n t (A )
20ET S.. Se rie s
R
(D C ) = 1.3 C / W
thJC
0
5
10
15
20
25
30
0
4
8
12162024
RM S Lim it
180
120
90
60
30
Cond uc tio n A n g le
A ve ra g e Fo rw ard C urre n t (A )
20ET S.. Se rie s
T = 150 C
J
0
5
10
15
20
25
30
35
0
5
10
15
20
25
DC
180
120
90
60
30
Avera g e Fo rw a rd C urre n t (A )
RM S Lim it
C ond uction P e riod
20ETS.. Se rie s
T = 150 C
J
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
50
100
150
200
250
300
1
10
100
Nu m b er O f E q ua l A m p litud e H a lf C y c le C u rre nt Pu lse s (N )
Initia l T = 150 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
J
At A n y Ra te d Lo a d C on d itio n And W ith
R a ted V
A p p lie d Fo llo w ing Su rg e .
RR M
20 ETS.. Se rie s
50
100
150
200
250
300
0.01
0.1
1
Pu lse Tra in D ura tion (s)
M a xim u m No n Rep etitiv e Su rge C urren t
Initia l T = 150 C
N o V olta g e Re a p p lied
Ra te d V
R e a p p lie d
J
RRM
V ersus P ulse Tra in D ura tion.
2 0 E TS.. Se rie s


Similar Part No. - 20ETS12S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
20ETS12S ISC-20ETS12S Datasheet
279Kb / 2P
   Input Rectifier Diode
logo
Vishay Siliconix
20ETS12SPBF VISHAY-20ETS12SPBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 28-Jul-10
logo
International Rectifier
20ETS12SPBF IRF-20ETS12SPBF Datasheet
176Kb / 7P
   INPUT RECTIFIER DIODE
logo
Vishay Siliconix
20ETS12STRLPBF VISHAY-20ETS12STRLPBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 28-Jul-10
20ETS12STRRPBF VISHAY-20ETS12STRRPBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 28-Jul-10
More results

Similar Description - 20ETS12S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
   INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
   INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
   Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
   Input Rectifier Diode
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
   INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
   INPUT RECTIFIER DIODE
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com