Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

111RIA Datasheet(PDF) 5 Page - International Rectifier

Part # 111RIA
Description  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

111RIA Datasheet(HTML) 5 Page - International Rectifier

  111RIA Datasheet HTML 1Page - International Rectifier 111RIA Datasheet HTML 2Page - International Rectifier 111RIA Datasheet HTML 3Page - International Rectifier 111RIA Datasheet HTML 4Page - International Rectifier 111RIA Datasheet HTML 5Page - International Rectifier 111RIA Datasheet HTML 6Page - International Rectifier 111RIA Datasheet HTML 7Page - International Rectifier 111RIA Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
110/111RIA Series
5
Bulletin I25204 rev. B 09/03
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings
Characteristics
Outline Table
Fast-on Terminals
Case Style TO-209AC (TO-94)
All dimensions in millimeters (inches)
WHITE SHRINK
C.S. 0.4 mm
2
215 (8.46)
10 (0.39)
WHITE GATE
RED SHRINK
RED CATHODE
RED SILICON RUBBER
4.3 (0.17) DIA.
(.0006 s.i.)
GLASS METAL SEAL
8.5 (0.3) DIA.
16.5 (0.65) MAX.
23.5 (0.92) MAX. DIA.
C.S. 16mm
2
FLEXIBLE LEAD
(.025 s.i.)
2.5 (0.10) MAX.
1/2"-20UNF-2A *
SW 27
29.5 (1.16) MAX.
AMP. 280000-1
REF-250
Average On-State Current (A)
Average On-State Current (A)
80
90
100
110
120
130
140
0
20
40
60
80
100
120
30˚
60˚
90˚
120˚
180˚
Conduction Angle
111RIA Series
RthJC (DC) = 0.27 K/W
70
80
90
100
110
120
130
140
0
30
60
90
120
150
180
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
111RIA Series
RthJC (DC) = 0.27 K/W
* FOR METRIC DEVICE: M12 X 1.75
CONTACT FACTORY
110/111RIA Series
110/111RIA Series


Similar Part No. - 111RIA

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
111RK NAINA-111RK Datasheet
116Kb / 2P
   Phase Control Thyristors, 100A
logo
International Rectifier
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
111RKI IRF-111RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
New Jersey Semi-Conduct...
111RKI NJSEMI-111RKI Datasheet
107Kb / 3P
   PHASE CONTROL THYRISTORS
111RKI NJSEMI-111RKI Datasheet
191Kb / 3P
   PHASE CONTROL THYRISTORS
More results

Similar Description - 111RIA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com