Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC2383257D Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC2383257D
Description  8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2383257D Datasheet(HTML) 8 Page - OKI electronic componets

  MSC2383257D Datasheet HTML 1Page - OKI electronic componets MSC2383257D Datasheet HTML 2Page - OKI electronic componets MSC2383257D Datasheet HTML 3Page - OKI electronic componets MSC2383257D Datasheet HTML 4Page - OKI electronic componets MSC2383257D Datasheet HTML 5Page - OKI electronic componets MSC2383257D Datasheet HTML 6Page - OKI electronic componets MSC2383257D Datasheet HTML 7Page - OKI electronic componets MSC2383257D Datasheet HTML 8Page - OKI electronic componets MSC2383257D Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor
MSC2383257D
AC Characteristics (2/2)
(VCC = 5V ± 10%, Ta = 0°C to +70°C ) Note: 1, 2, 3, 10, 11
MSC2383257D
-60BS16/DS16
MSC2383257D
-70BS16/DS16
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Write Command Set-up Time
tWCS
0-
0-
ns
Write Command Hold Time
tWCH
10
-
13
-
ns
Write Command Pulse Width
tWP
10
-
10
-
ns
/WE Pulse Width (DQ Disable)
tWPE
10
-
10
-
ns
Write Command to /RAS Lead Time
tRWL
10
-
13
-
ns
Write Command to /CAS Lead Time
tCWL
10
-
13
-
ns
Data-in Set-up Time
tDS
0-
0-
ns
Data-in Hold Time
tDH
10
-
13
-
ns
/CAS Active Delay Time from /RAS Precharge
tRPC
5-
5-
ns
/RAS to /CAS Set-up Time
(/CAS before /RAS)
tCSR
5-
5-
ns
/RAS to /CAS Hold Time
(/CAS before /RAS)
tCHR
10
-
10
-
ns
/WE to /RAS Precharge Time
(/CAS before /RAS)
tWRP
10
-
10
-
ns
/WE Hold Time from /RAS
(/CAS before /RAS)
tWRH
10
-
10
-
ns
/RAS to /WE Set-up Time
(Test Mode)
tWTS
10
-
10
-
ns
/RAS to /WE Hold Time
(Test Mode)
tWTH
10
-
10
-
ns


Similar Part No. - MSC2383257D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A-XXBS16 OKI-MSC2383257A-XXBS16 Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A-XXDS16 OKI-MSC2383257A-XXDS16 Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC2383257D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2383657D-XXBS20 OKI-MSC2383657D-XXBS20 Datasheet
88Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23Q83657D-XXBS18 OKI-MSC23Q83657D-XXBS18 Datasheet
82Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23832D OKI-MSC23832D Datasheet
49Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MD51V65805 OKI-MD51V65805 Datasheet
312Kb / 15P
   8,388,608-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D OKI-MSC2313258D Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V43257D OKI-MSC23V43257D Datasheet
53Kb / 10P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com