Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-40PC-1-RL-BCD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DMS-40PC-1-RL-BCD
Description  4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DMS-40PC-1-RL-BCD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DMS-40PC-1-RL-BCD Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-40PC-1-RL-BCD Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-40PC-1-RL-BCD Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-40PC-1-RL-BCD Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-40PC-1-RL-BCD Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-40PC-1-RL-BCD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DMS-40PC
4 ½ DIGIT , LED DISPLA Y DIGIT A L P ANEL VOL TMETERS
Performance/Functional Specifications
Typical at TA = +25°C and supply voltage = +5V using the single-ended input circuit,
unless otherwise noted.
➀ Applies for transient or continuous overvoltages applied to (+) INPUT HI (pin 11)
with (–) INPUT LO (pin 12) properly connected. Pin 12 is not overvoltage protected
(see Figure 1). Voltages applied to pin 12 should not exceed the supply voltage.
➁ See Technical Notes.
➂ BCD outputs are optional and must be specified in the part number.
See Ordering Information.
➃ Includes high-intensity and BCD-output models.
Accessories:
DMS-PS1-CM
+5V/1.0A AC/DC power supply module
DMS-30-CP
Panel cutout punch
DMS-BZL1
DMS-40 bezel assembly
DMS-BZL2
DMS-40 bezel assembly with sealing gasket
DMS-EB
Application/evaluation board with standard
MOLEX connector, decimal point solder pads
and attenuation resistor pads.
BCD Output Models:
BCD outputs are only available on standard red meters.
DMS-40PC-1-RS-BCD for ±2V input range
DMS-40PC-2-RS-BCD for ±20V input range
DMS-40PC-3-RS-BCD for ±200V input range
DMS-40PC-1-RL-BCD for ±2V input range
DMS-40PC-2-RL-BCD for ±20V input range
DMS-40PC-3-RL-BCD for ±200V input range
DMS-40PC - 1 - R S
Technical Notes
1. ANALOG COMMON (Pin 10): This pin is an internal, low-noise
ground for the DMS-40PC. It is internally connected to pin 3
(5V RETURN). Do not connect pin 10 to either pin 3 or your
system ground as this will create a ground loop and possibly result
in erroneous readings.
2. REFERENCE INPUT/OUTPUT (Pin 7): This pin accesses the
meter's internal reference and is used during the factory calibration
procedure. Pin 7 should be left open in most common applications.
It can be used in certain "ratiometric" applications in which it is
desirable for the meter’s reference to track an external reference.
See Ap Note 3 in the DATEL Panel Meter Catalog for more details.
3. DISPLAY TEST (Pin 2): Connecting pin 2 to ground (pin 3, 5V
RETURN) will activate all LED segments, and the display will read
"–18888" regardless of the actual applied input. To reduce self-
heating, the display should not be left in the "test" mode for
more than 10 seconds. This pin should be left open if unused.
4. DISPLAY HOLD (Pin 9): For normal operation, this pin should be
left open. To hold the meter’s last reading and display it continu-
ously, tie pin 9 to ground (pin 3, 5V RETURN).
5. Decimal Point Placement: The location of the decimal point is
user-selectable, and the decimal point control pins (DP1-DP4) are
active low functions. Select the appropriate decimal point by tying
pin 4, 5, 6 or 8 to pin 3 (5V RETURN). Unused decimal point
location pins should be left open.
Ordering Information
LED Color:
GS = Standard Green
RH = High-Intensity Red
RL = Low-Power Red
RS = Standard Red
YS = Standard Yellow
Input Range:
1 = ±2V
2 = ±20V
3 = ±200V
A panel-mount retaining clip is supplied with each model.
Analog Inputs
Min.
Typ.
Max.
Units
Full Scale Input Range:
DMS-40PC-1
--
±2
--
Volts
DMS-40PC-2
--
±20
--
Volts
DMS-40PC-3
--
±200
--
Volts
Input Impedance:
DMS-40PC-1
100
1000
--
M
DMS-40PC-2, -3
0.8
1
--
M
Overvoltage Protection ➀
--
--
±250
Volts
Common Mode Voltage Range
--
--
±2
Volts
CMRR (dc to 60Hz)
--
86
--
dB
Control Inputs ➁
Decimal Point Placement (Pins 4-6, 8)
Tie to pin 3 to activate
Display Test (Pin 2)
Tie to pin 3 to activate all segments
Display Hold (Pin 9)
Tie to pin 3 to hold last reading
BCD Outputs ➂
Logic levels (1 LSTTL load max.):
Logic "1"
+2.4
--
--
Volts
Logic "0"
--
+0.4
+0.8
Volts
Performance
Sampling Rate
2.5 samples per second
Accuracy (15 minute warm-up):
DMS-40PC-1 (VIN = +1.9V)
--
±2
±3
Counts
DMS-40PC-2 (VIN = +19V)
--
±3
±4
Counts
DMS-40PC-3 (VIN = +190V)
--
±3
±4
Counts
Zero Reading (VIN = 0 Volts)
"– 0001"
"0000"
"0001"
Temperature Drift (0 to +50°C):
DMS-40PC-1
--
±0.4
±1
Cnts/°C
DMS-40PC-2, -3
--
±0.4
±1.5
Cnts/°C
Power Supply Requirements
Supply Voltage
+4.75
+5.00
+5.25
Volts
Supply Current:
Standard Models ➃
--
+100
+140
mA
Low-Power Models
--
+35
+50
mA
Display
Display Type and Size
4½ Digit LED, 0.52"/13.2mm high
Polarity Indication
Autopolarity ("–" for negative VIN)
Overrange Indication
"– 0000" (flashing) for negative VIN
"0000" (flashing) for positive VIN
Physical/Environmental
Operating Temperature
0
--
+50
°C
Storage Temperature
–20
--
+75
°C
Humidity (Non-condensing)
0
--
95
%
Case Material
Polycarbonate
Weight
0.75 ounces (21 grams)
Order on-line at www.datel.com


Similar Part No. - DMS-40PC-1-RL-BCD

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-40PC-1-RL-BCD-C MURATA-PS-DMS-40PC-1-RL-BCD-C Datasheet
235Kb / 6P
   4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-40PC-1-RL-BCD-C MURATA-PS-DMS-40PC-1-RL-BCD-C Datasheet
518Kb / 6P
   4½ Digit, LED Display Digital Panel Voltmeters
019
More results

Similar Description - DMS-40PC-1-RL-BCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS30PC ETC-DMS30PC Datasheet
155Kb / 6P
   3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
logo
Murata Power Solutions ...
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
   4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
   4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
   3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
   3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
   3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
   Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com