Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20601F Datasheet(PDF) 6 Page - Texas Instruments

Part # 20601F
Description  Snap-Action Automatic and Manual reset Fixed Temperature Thermostats
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

20601F Datasheet(HTML) 6 Page - Texas Instruments

  20601F Datasheet HTML 1Page - Texas Instruments 20601F Datasheet HTML 2Page - Texas Instruments 20601F Datasheet HTML 3Page - Texas Instruments 20601F Datasheet HTML 4Page - Texas Instruments 20601F Datasheet HTML 5Page - Texas Instruments 20601F Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MCGS011A
Printed in U.S.A.
Reprinted 4/2002
To facilitate processing your request, please fax this page to our Product Specialists.
From ________________________________________________________
Company_____________________________________________________
Address______________________________________________________
Phone _____________________
Fax _______________________
To: Marketing Dept.
Texas Instruments
Attleboro, MA 02703
Phone: (508) 236-3192
(508) 236-1894
(508) 236-2349
Fax:
The following information will help us determine the correct thermostat design for your application. You
may refer to the charts on pages 2 and 3 for assistance.
Request: Pricing _____________________________
Application Assistance _________________________
Description of Application ______________________________________________________________________
Estimated Annual Usage _______________________________________________________________________
Automatic Reset_______ MR________ MR-TF________ SPST________ SPDT________ DPST________
Open Temperature ____________________________
Maximum Tolerance ___________________________
Close Temperature ___________________________
Maximum Tolersnce ___________________________
Temperature Exposures: Maximum __________________________ Minimum _________________________
Location With Respect to Heat Source ___________________________________________________________
Temperature Transfer Medium (air, metal surface, etc.)_____________________________________________
Type of Heat Source:
Convection _____________
Conduction ____________
Radiation ____________
Electrical Requirements: __________________ Amps @ _________________ Volts; AC or DC ___________
Resistive ___________________
Inductive ___________________*
Capacitive ___________________*
Tungsten Filament __________________ Milliamp _________________ Pilot Duty _________________
*If inductive or capacitive, indicate power factor __________________________________________________
(If available, please send copy of electrical / plumbing diagram).
Switch Termination (type and angle)_____________________________________________________________
Flange (type and angle of rotation) ______________________________________________________________
Enclosed or Exposed Disc ______________________________________________________________________
Environment (dust, lint, chemical fumes, etc.) ____________________________________________________
_____________________________________________________________________________________________
Agency Approvals _____________________________________________________________________________


Similar Part No. - 20601F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2060 ETC1-2060 Datasheet
295Kb / 7P
   38-mm (1 1/2-inch) 10 stage, End-Window Photomultiplier
logo
Heyco.
2060 HEYCO-2060 Datasheet
133Kb / 1P
   Snap Bushings
logo
Christian Bürkert GmbH ...
2060 BURKERT-2060 Datasheet
1Mb / 25P
   Pneumatically operated 2/2-way angle seat valve with stainless steel actuator
20.03.2024
2060 BURKERT-2060 Datasheet
2Mb / 20P
   Modular process valve cluster – distributor and collector
06.03.2024
logo
WAGO Kontakttechnik Gmb...
2060-189 WAGO-2060-189 Datasheet
388Kb / 7P
   SMD PCB terminal block; push-button; 0.75 mm²
23.05.2020
More results

Similar Description - 20601F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com