Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRIS-F6426S Datasheet(PDF) 1 Page - International Rectifier

Part # IRIS-F6426S
Description  INTEGRATED SWITCHER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-F6426S Datasheet(HTML) 1 Page - International Rectifier

  IRIS-F6426S Datasheet HTML 1Page - International Rectifier IRIS-F6426S Datasheet HTML 2Page - International Rectifier IRIS-F6426S Datasheet HTML 3Page - International Rectifier IRIS-F6426S Datasheet HTML 4Page - International Rectifier IRIS-F6426S Datasheet HTML 5Page - International Rectifier IRIS-F6426S Datasheet HTML 6Page - International Rectifier IRIS-F6426S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.irf.com
IRIS-F6426S
Features
• Oscillator is provided on the monolithic control with adopting On-Chip-
Trimming technology.
• Small temperature characteristics variation by adopting a comparator to
compensate for temperature on the control part.
• Low start-up circuit current (100uA max)
• Built-in Active Low-Pass Filter for stabilizing the operation in case of light
load
• Avalanche energy guaranteed MOSFET with high VDSS
• The built-in power MOSFET simplifies the surge absorption circuit since the
MOSFET guarantees the avalanche energy.
• No VDSS de-rating is required.
• Built-in constant voltage drive circuit
• Built-in step drive circuit
• Built-in low frequency PRC mode (≒20kHz)
• Various kinds of protection functions
• Pulse-by-pulse Overcurrent Protection (OCP)
• Overvoltage Protection with latch mode (OVP)
• Thermal Shutdown with latch mode (TSD)
INTEGRATED SWITCHER
Package Outline
TO-247 Fullpack (5 Lead)
Descriptions
IRIS-F6426S is a hybrid IC consists from power MOSFET and a controller IC, designed for Quasi-Resonant
(including low frequency PRC) fly-back converter type SMPS (Switching Mode Power Supply) applications.
This IC realizes high efficiency, low noise, downsizing and standardizing of a power supply system reducing
external components count and simplifying the circuit designs. (Note). PRC is abbreviation of “Pulse Ratio
Control” (On-width control with fixed OFF-time).
Typical Connection Diagram
SSSS
GGGGNNNNDDDD
VVVViiiinnnn
DDDD
OOOOCCCCPPPP////FFFFBBBB
IIIIRRRRIIIISSSS----FFFF6666444400000000
Type
MOSFET
VDSS(V)
RDS(ON)
MAX
AC input(V)
Pout(W)
Note 1
100±15%
145
120±15%
190
IRIS-F6426S
450
0.58Ω
Key Specifications


Similar Part No. - IRIS-F6426S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
   INTEGRATED SWITCHER
More results

Similar Description - IRIS-F6426S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
   INTEGRATED SWITCHER
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
   INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
   INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
   INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com