Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23832D-XXBS16 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC23832D-XXBS16
Description  8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23832D-XXBS16 Datasheet(HTML) 1 Page - OKI electronic componets

  MSC23832D-XXBS16 Datasheet HTML 1Page - OKI electronic componets MSC23832D-XXBS16 Datasheet HTML 2Page - OKI electronic componets MSC23832D-XXBS16 Datasheet HTML 3Page - OKI electronic componets MSC23832D-XXBS16 Datasheet HTML 4Page - OKI electronic componets MSC23832D-XXBS16 Datasheet HTML 5Page - OKI electronic componets MSC23832D-XXBS16 Datasheet HTML 6Page - OKI electronic componets MSC23832D-XXBS16 Datasheet HTML 7Page - OKI electronic componets MSC23832D-XXBS16 Datasheet HTML 8Page - OKI electronic componets MSC23832D-XXBS16 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor
MSC23832D-xxBS16/DS16
8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
This version:
Mar. 8. 1999
DESCRIPTION
The MSC23832D-xxBS16/DS16 is a fully decoded, 8,388,608-word x 32-bit CMOS dynamic random access
memory module composed of sixteen 16Mb DRAMs (4Mx4) in SOJ packages mounted with sixteen decoupling
capacitors on a 72-pin glass epoxy single in-line package. This module supports any application where high density
and large capacity of storage memory are required.
FEATURES
· 8,388,608-word x 32-bit organization
· 72-pin Single In-Line Memory Module
MSC23832D-xxBS16 : Gold tab
MSC23832D-xxDS16 : Solder tab
· Single +5V supply ± 10% tolerance
· Input
: TTL compatible
· Output
: TTL compatible, 3-state
· Refresh
: 2048cycles/32ms
· /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
· Fast page mode capability
· Multi-bit test mode capability
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
Cycle
Time
(Min.)
Operating (Max.)
Standby (Max.)
MSC23832D-60BS16/DS16
60ns
30ns
15ns
110ns
5060mW
MSC23832D-70BS16/DS16
70ns
35ns
20ns
130ns
4620mW
88mW


Similar Part No. - MSC23832D-XXBS16

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A-XXBS16 OKI-MSC2383257A-XXBS16 Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A-XXDS16 OKI-MSC2383257A-XXDS16 Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257D OKI-MSC2383257D Datasheet
50Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257D-XXBS16 OKI-MSC2383257D-XXBS16 Datasheet
50Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23832D-XXBS16

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2383257D OKI-MSC2383257D Datasheet
50Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23840D-XXBS20 OKI-MSC23840D-XXBS20 Datasheet
90Kb / 9P
   8,388,608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23837D-XXBS18 OKI-MSC23837D-XXBS18 Datasheet
89Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23836D OKI-MSC23836D Datasheet
52Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23841D-XXBS20 OKI-MSC23841D-XXBS20 Datasheet
90Kb / 9P
   8,388,608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23836C OKI-MSC23836C Datasheet
51Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23Q836D-XXBS18 OKI-MSC23Q836D-XXBS18 Datasheet
82Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23836B OKI-MSC23836B Datasheet
234Kb / 9P
   8,388,608 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC2383657D-XXBS20 OKI-MSC2383657D-XXBS20 Datasheet
88Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23B1321D OKI-MSC23B1321D Datasheet
76Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com