Electronic Components Datasheet Search |
|
A3425LK-T Datasheet(PDF) 4 Page - Allegro MicroSystems |
|
A3425LK-T Datasheet(HTML) 4 Page - Allegro MicroSystems |
4 / 21 page 4 A3425DS-Rev. ! Worcester, Massachusetts 01615-0036 (508) 853-5000 115 Northeast Cutoff, Box 15036 www.allegromicro.com Allegro MicroSystems, Inc. Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch A3425 OPERATING CHARACTERISTICS Valid over operating temperature ranges unless otherwise noted; typical data applies to VCC = 12 V, and TA = 25ºC Characteristic Symbol Test Conditions Min. Typ. Max Units ELECTRICAL CHARACTERISTICS Supply Voltage1 VCC Operating; TA ≤ 150°C 3.3 – 18 V Output Leakage Current IOUTPUT(OFF) Either output – < 1 10 µA Output Rise Time tr CLOAD = 20 pF, RLOAD = 820 Ω – 110 – ns Output Fall Time tf CLOAD = 20 pF, RLOAD = 820 Ω –55 – ns Supply Current ICC(OFF) B < BRP(A) ,B < BRP(B) – 3.5 6.0 mA ICC(ON) B > BOP(A) ,B > BOP(B) – 4.0 6.0 mA Low Output Voltage VOUTPUT(ON) Both outputs; IOUTPUT(SINK) = 20 mA; B > BOP(A), B > BOP(B) – 160 500 mV Output Sink Current IOUTPUT(SINK) – – 20 mA Output Sink Current, Continuous2 IOUTPUT(SINK)C TJ < TJ(max) ,VOUTPUT = 12 V – – 70 mA Output Sink Current, Peak3 IOUTPUT(SINK)P t < 3 seconds – – 220 mA Chopping Frequency fC – 340 – kHz TRANSIENT PROTECTION CHARACTERISTICS Supply Zener Voltage VZ ICC = 15 mA 28 33 37 V Supply Zener Current4 IZ VS = 28 V – – 9.0 mA Reverse-Battery Current IRCC VRCC = –18 V, TJ < TJ(max) – 2 15 mA Continued on the next page... |
Similar Part No. - A3425LK-T |
|
Similar Description - A3425LK-T |