Electronic Components Datasheet Search |
|
LTM170EU-L11 Datasheet(PDF) 3 Page - Samsung semiconductor |
|
LTM170EU-L11 Datasheet(HTML) 3 Page - Samsung semiconductor |
3 / 24 page Doc . No PI004_LTM170EU-L11 Page 3/24 General Description * Description LTM170EU-L11 is a color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFTs as switching devices. This model is composed of a TFT LCD panel, a driver circuit and a back-light system. The resolution of a 17.0" contains 1280 x 1024 pixels and can display up to 16.2 millions colors. *Features - High contrast ratio, high aperture structure - TN(Twisted Nematic) mode - Wide viewing angle - High speed response - SXGA(1280 x 1024 pixels) resolution - Low power consumption - 2 dual CCFTs(Cold Cathode Fluorescent Tube) - DE(Data Enable) mode - LVDS (Low Voltage Differential Signaling) interface (2pixel/clock) - COMPACT SIZE DESIGN * Applications Workstation & desktop monitors Display terminals for AV application products Monitors for industrial machine * General information Items Specification Unit Note Display area 337.92(H) x 270.336(V) mm Driver element a-Si TFT active matrix Display colors 16.2M colors Number of pixels 1280 x 1024 pixel Pixel arrangement RGB vertical stripe Pixel pitch 0.264(H) x 0.264(W) mm Display mode Normally White Surface treatment Haze 25% , Hard-coating (3H) |
Similar Part No. - LTM170EU-L11 |
|
Similar Description - LTM170EU-L11 |