Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23226333 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 23226333
Description  NTC Thermistors, High Temperature Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

23226333 Datasheet(HTML) 2 Page - Vishay Siliconix

  23226333 Datasheet HTML 1Page - Vishay Siliconix 23226333 Datasheet HTML 2Page - Vishay Siliconix 23226333 Datasheet HTML 3Page - Vishay Siliconix 23226333 Datasheet HTML 4Page - Vishay Siliconix 23226333 Datasheet HTML 5Page - Vishay Siliconix 23226333 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2322 633 3/5/8....
Vishay BCcomponents NTC Thermistors, High Temperature Sensors
www.vishay.com
For technical questions contact: nlr.europe@vishay.com
Document Number: 29050
100
Revision: 10-Oct-03
DIMENSIONS in millimeters
Component outline for 2322 633 8.... (SOD27).
O
4.25 max
25.4 min
25.4 min
0.56
max
1.85 max
O
Component outline for 2322 633 5.... (SOD80).
1.7
max
0.3
0.3
O
3.7
max
DERATING
055
40
85
T
( C)
o
155
100
0
P
(%)
amb
Derating curve for 2322 633 5.... series.
055
40
85
200
T
( C)
o
100
0
P
(%)
amb
Derating curve for 2322 633 8.... series.
STABILITY AND R-T CHARACTERISTICS
0
0.8
0.6
0.2
103
104
105
106
0.4
∆R
R
(%)
−0.4
0
−0.1
−0.3
−0.2
∆T
(K)
∆T (25 K)
∆T (85 K)
∆R85/R85
∆R25/R25
cycles
Stability of glass encapsulated NTCs after thermal shock test.


Similar Part No. - 23226333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226330 VISHAY-23226330 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263302102 VISHAY-232263302102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263302222 VISHAY-232263302222 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263303222 VISHAY-232263303222 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
More results

Similar Description - 23226333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLG100E2 VISHAY-NTCLG100E2_V01 Datasheet
86Kb / 5P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
01-Jan-2022
NTCLG100E2 VISHAY-NTCLG100E2 Datasheet
90Kb / 6P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
Revision: 01-Jul-15
NTCLG100E2 VISHAY-NTCLG100E2_17 Datasheet
87Kb / 5P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
Revision: 29-Jun-17
NTCACAP VISHAY-NTCACAP Datasheet
104Kb / 3P
   NTC Thermistors, Refrigerator Sensors
Revision: 03-Feb-17
NTCACAP VISHAY-NTCACAP_V01 Datasheet
102Kb / 3P
   NTC Thermistors, Refrigerator Sensors
01-Jan-2022
232264510 VISHAY-232264510 Datasheet
46Kb / 2P
   NTC Thermistors, Long Lead Sensors
Revision: 10-Oct-03
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
232264090042 VISHAY-232264090042 Datasheet
50Kb / 2P
   NTC Thermistors, Steel Capped Sensors
Revision: 10-Oct-03
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 16-Sep-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com