Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3482 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M3482
Description  UM348x Multi-Instrument Melody Generator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M3482 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M3482 Datasheet HTML 1Page - List of Unclassifed Manufacturers M3482 Datasheet HTML 2Page - List of Unclassifed Manufacturers M3482 Datasheet HTML 3Page - List of Unclassifed Manufacturers M3482 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
M348x Series
UM348x Multi-Instrument Melody Generator
_____________________________________________________________________________
Features
•••• Powered by a 1.5V battery
• 8 beats selectable
• Low standby current
• 3 timbres - piano, organ, and mandolin
• 512-note memory, up to 16 songs
• 5 tempos available through mask setting
•••• 8 playing modes by user setting
• 14 tones selectable
• One built-in RC oscillator
• On-chip envelope modulator and pre-amplifier
General Description
The M3481 series is a mask-ROM-programmed multi-instrument melody generator , implemented by
CMOS technology. It is designed to play the melody according to the previously programmed
information
and is capable of generating 16 songs with 3 instrument effects : piano, organ and mandolin. The
device
also includes a pre-amplifier which provides a simple interface to the driver circuit. The M3481 series is
intended for applications such as toys, door bells, music box, melody clock/timers and telephones.
Absolute Maximum Ratings
DC Supply Voltage .......................................... -0.3V to +5.0V
Input Voltage Range ....................................... Vss-0.3V to Vdd+0.3V
Operating Ambient Temperature .................... 0
°C to +70°C
Storage Temperature ....................................... -10
°C to +125°C
Electrical Characteristics
(Vss=0V, Vdd=1.5V, Ta=25
°C, unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Conditions
Operating Voltage
Vdd
1.3V
1.5V
5V
Stand-by Current
Isb
-
-
12
µA
No load
Input Voltage High
Vih
Vdd-0.3V
-
Vdd
Input Voltage Low
Vil
Vss
-
Vss+0.3V
Input Current High
Iih
1.5
µA3µA6µA
Vih=Vdd
Input Current Low
Iil
-
-
0.1
µA
Vil =Vss
ENV Pin Drive Current
Ienv
500
µA
-
-
Venv=0.8V
Output Current (OP1)
Iol
200
µA
-
1200
µA
Vol=0.8V
Output Current (OP2)
Ioh
200
µA
-
1200
µA
Voh=0.7V
Playing modes
Mode
CE
SL
LP
AS
Program
0
0
X
X
X
Standby
1
1
0
0
0
First melody
→...→Last melody→Stop
2
0
0
1
First melody
→...→Last melody→Repeat from first melody
3
0
1
0
Start from the present melody
→Stop
4
1
0
1
1
Repeat the present melody
5
1
0
0
Change to the next melody
→...→Last melody→Stop
6
1
0
1
Next melody
→...→Last melody→Repeat from first melody
7
1
1
0
Change to the next melody
→Stop
8
1
1
1
Change to the next melody
→Repeat the same melody
(
↑ means a low to high voltage level transaction )


Similar Part No. - M3482

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
M34808-4 VBSEMI-M34808-4 Datasheet
984Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
RAF ELECTRONIC HARDWARE
M3483-SS RAF-M3483-SS Datasheet
133Kb / 1P
   PLAIN THUMB SCREWS
logo
STMicroelectronics
M3488 STMICROELECTRONICS-M3488 Datasheet
193Kb / 18P
   256 x 256 DIGITAL SWITCHING MATRIX
M3488B1 STMICROELECTRONICS-M3488B1 Datasheet
193Kb / 18P
   256 x 256 DIGITAL SWITCHING MATRIX
M3488Q1 STMICROELECTRONICS-M3488Q1 Datasheet
193Kb / 18P
   256 x 256 DIGITAL SWITCHING MATRIX
More results

Similar Description - M3482

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM348X UMC-UM348X Datasheet
225Kb / 8P
   Multi-Instrument Melody Generator
logo
BOWIN ELECTRONIC CO.
UM3482 BOWIN-UM3482 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
UM3481 BOWIN-UM3481 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
UM3485 BOWIN-UM3485 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
logo
List of Unclassifed Man...
IZ8018 ETC-IZ8018 Datasheet
136Kb / 5P
   MULTI MELODY GENERATOR
IZ8057 ETC-IZ8057 Datasheet
72Kb / 7P
   MULTI MELODY GENERATOR WITH ACCOMPANEMENT
logo
UMC Corporation
UM3481A UMC-UM3481A Datasheet
37Kb / 1P
   Multi-Melody Generator with Sleep Function
logo
List of Unclassifed Man...
MMC334 ETC-MMC334 Datasheet
42Kb / 1P
   MELODY GENERATOR
HTC750 ETC-HTC750 Datasheet
149Kb / 6P
   Melody Generator
logo
Micro Electronics
M66 MICRO-ELECTRONICS-M66 Datasheet
50Kb / 2P
   IMPLE MELODY GENERATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com