Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM98S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MSM98S
Description  0.8m Mixed 3-V/5-V Sea of Gates and Customer Structured Arrays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MSM98S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MSM98S Datasheet HTML 5Page - List of Unclassifed Manufacturers MSM98S Datasheet HTML 6Page - List of Unclassifed Manufacturers MSM98S Datasheet HTML 7Page - List of Unclassifed Manufacturers MSM98S Datasheet HTML 8Page - List of Unclassifed Manufacturers MSM98S Datasheet HTML 9Page - List of Unclassifed Manufacturers MSM98S Datasheet HTML 10Page - List of Unclassifed Manufacturers MSM98S Datasheet HTML 11Page - List of Unclassifed Manufacturers MSM98S Datasheet HTML 12Page - List of Unclassifed Manufacturers MSM98S Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s MSM38S/98S Data Sheet s
7
OKI SEMICONDUCTOR
[1] Typical condition is VDD = 3.3 V and Tj = 25° C for a typical process.
[2] RAM/ROM should be in power-down mode.
DC Characteristics
(VDD = 2.7 ~ 3.6 V, VSS = 0 V, Tj = -40° C ~ +85° C)
Parameter
Symbol
Conditions
Rated Value
Unit
Min
Typ[1]
Max
High-level input voltage
VIH
CMOS input
0.7xVDD
VDD+0.5
V
Low-level input voltage
VIL
CMOS input
-0.5
0.3xVDD
V
CMOS-level Schmitt Trigger input threshold
voltage
Vt+
2
0.76xVDD
V
Vt-
0.24xVDD
1
V
∆VT
Vt+ - Vt-
0.1xVDD
1
V
High-level output voltage
VOH
IOH = 1, 2, 4, 6, 8, 12 mA
2.2
V
Low-level output voltage
VOL
IOL = 1, 2, 4, 6, 8, 12, 24 mA
0.4
V
High-level input current
IIH
VIH = VDD
0.01
1
µA
VIH = VDD
(100 k
Ω pull down)
5
35
120
µA
Low-level input current
IIL
VIL = VSS
-1
-0.01
µA
VIL = VSS (100 kΩ pull up)
-120
-35
-5
µA
VIL = VSS (6 kΩ pull up)
-2
-.55
-.120
mA
3-state output leakage current
IOZH
VOH = VDD
0.01
1
µA
IOZL
VOL = VSS
-1
-0.01
µA
VOL = VSS (100 kΩ pull up)
-120
-35
-5
µA
VOL = VSS (6 kΩ pull up)
-2
-.55
-.12
mA
Stand-by current[2]
IDDS
Output open
VIH = VDD, VIL = VSS
0.1
10
µA


Similar Part No. - MSM98S

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9800 OKI-MSM9800 Datasheet
2Mb / 15P
   Voice ROM Evaluation Board for MSM9802/9803/9805/9836
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
   Voice Synthesis IC with Built-in Mask ROM
MSM9802 OKI-MSM9802 Datasheet
2Mb / 15P
   Voice ROM Evaluation Board for MSM9802/9803/9805/9836
MSM9803 OKI-MSM9803 Datasheet
349Kb / 52P
   Voice Synthesis IC with Built-in Mask ROM
MSM9803 OKI-MSM9803 Datasheet
2Mb / 15P
   Voice ROM Evaluation Board for MSM9802/9803/9805/9836
More results

Similar Description - MSM98S

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MG113P OKI-MG113P Datasheet
278Kb / 22P
   0.25關m Sea of Gates and Customer Structured Arrays
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
   0.35 關m Sea of Gates Arrays
MG63P OKI-MG63P Datasheet
267Kb / 22P
   0.25關m Embedded DRAM/ Customer Structured Arrays
logo
ATMEL Corporation
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
   350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
   Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
   Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
logo
E-SWITCH
K100310 E-SWITCH-K100310 Datasheet
185Kb / 1P
   DIELECTRIC STRENGTH: 1,500 V @SEA LEVEL
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
Texas Instruments
TPS9125 TI-TPS9125 Datasheet
338Kb / 24P
[Old version datasheet]   5 V/3 V SIM SUPPLY AND LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com