Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2761 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2761
Description  The Audio Limiter for Speaker Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2761 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2761 Datasheet HTML 1Page - New Japan Radio NJM2761 Datasheet HTML 2Page - New Japan Radio NJM2761 Datasheet HTML 3Page - New Japan Radio NJM2761 Datasheet HTML 4Page - New Japan Radio NJM2761 Datasheet HTML 5Page - New Japan Radio NJM2761 Datasheet HTML 6Page - New Japan Radio NJM2761 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NJM2761
-5 -
s
s
s
sAPPLICATION CIRCUIT
RSENSE = 4000 / VLIMIT []
10
9
8
7
6
OUTa
INT
INa
GND
VREF
SENSE
SW
INb
OUTb
0.22µF
V+
0.22µF
1µF
0.22µF
0.22µF
1µF
1
2
3
4
5
V+
R
SENSE
0.022µF


Similar Part No. - NJM2761

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJM2761 ETC2-NJM2761 Datasheet
285Kb / 8P
   Audio Limiter
logo
Tiger Electronic Co.,Lt...
NJM2761 TGS-NJM2761 Datasheet
298Kb / 9P
   Audio Limiter IC
logo
List of Unclassifed Man...
NJM2761RB2-TE1 ETC2-NJM2761RB2-TE1 Datasheet
285Kb / 8P
   Audio Limiter
More results

Similar Description - NJM2761

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJM2761RB2-TE1 ETC2-NJM2761RB2-TE1 Datasheet
285Kb / 8P
   Audio Limiter
logo
Agamem Microelectronic ...
AA8361 AGAMEM-AA8361 Datasheet
46Kb / 1P
   AUDIO LIMITER
logo
PUI audio inc.
SMS-2008MS-R PUIAUDIO-SMS-2008MS-R Datasheet
731Kb / 6P
   Grill is integrated into the housing for speaker protection
logo
Tiger Electronic Co.,Lt...
NJM2761 TGS-NJM2761 Datasheet
298Kb / 9P
   Audio Limiter IC
logo
C-Media Electronics
CM102-A++ CMEDIA-CM102-A+ Datasheet
198Kb / 21P
   USB 2CH Audio Controller for Speaker
logo
Richtek Technology Corp...
RT5508 RICHTEK-RT5508 Datasheet
2Mb / 57P
   Speaker Amplifier with Speaker Protection
logo
Semtech Corporation
ECLAMP1002A SEMTECH-ECLAMP1002A Datasheet
174Kb / 6P
   ESD/EMI Protection for Speaker Ports
logo
Richtek Technology Corp...
RT5509 RICHTEK-RT5509 Datasheet
2Mb / 58P
   Speaker Amplifier with Speaker Protection
logo
NXP Semiconductors
TFA9887 NXP-TFA9887 Datasheet
383Kb / 20P
   Audio system with adaptive sound maximizer and speaker protection
Rev. 1-11 July 2012
logo
Rohm
BH7824FVM ROHM-BH7824FVM Datasheet
172Kb / 5P
   Audio Driver (Speaker AMP) for Mobile telephone
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com