Electronic Components Datasheet Search |
|
MCP112T-290E Datasheet(PDF) 2 Page - Microchip Technology |
|
MCP112T-290E Datasheet(HTML) 2 Page - Microchip Technology |
2 / 22 page MCP111/112 DS21889B-page 2 2004 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings† VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V Input current (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 mA Output current (RST) . . . . . . . . . . . . . . . . . . . . . . . . . .10 mA Rated Rise Time of VDD . . . . . . . . . . . . . . . . . . . . . . 100V/µs All inputs and outputs w.r.t. VSS . . . . . –0.6V to (VDD + 1.0V) Storage temperature . . . . . . . . . . . . . . . . . . –65°C to + 150°C Ambient temp. with power applied . . . . . . . –40°C to + 125°C Maximum Junction temp. with power applied . . . . . . . . 150°C ESD protection on all pins . . . . . . . . . . . . . . . . . . . . . . . . . ≥ 2kV † Notice: Stresses above those listed under “Maximum Rat- ings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Expo- sure to maximum rating conditions for extended periods may affect device reliability. DC CHARACTERISTICS Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111), TA = –40°C to +125°C. Parameters Sym Min Typ Max Units Conditions Operating Voltage Range VDD 1.0 — 5.5 V Specified VDD Value to VOUT low VDD 1.0 — V I RST = 10 µA, V RST < 0.2V Operating Current IDD —< 1 1.75 µA VDD Trip Point MCP1XX-195 VTRIP 1.872 1.900 1.929 V TA = +25°C (Note 1) 1.853 1.900 1.948 V TA = -40°C to +85°C (Note 2) MCP1XX-240 2.285 2.320 2.355 V TA = +25°C (Note 1) 2.262 2.320 2.378 V Note 2 MCP1XX-270 2.591 2.630 2.670 V TA = +25°C (Note 1) 2.564 2.630 2.696 V Note 2 MCP1XX-290 2.857 2.900 2.944 V TA = +25°C (Note 1) 2.828 2.900 2.973 V Note 2 MCP1XX-300 2.886 2.930 2.974 V TA = +25°C (Note 1) 2.857 2.930 3.003 V Note 2 MCP1XX-315 3.034 3.080 3.126 V TA = +25°C (Note 1) 3.003 3.080 3.157 V Note 2 MCP1XX-450 4.314 4.380 4.446 V TA = +25°C (Note 1) 4.271 4.380 4.490 V Note 2 MCP1XX-475 4.561 4.630 4.700 V TA = +25°C (Note 1) 4.514 4.630 4.746 V Note 2 VDD Trip Point Tempco TTPCO — ±100 — ppm/ °C Threshold Hysteresis (min. = 1%, max = 6%) MCP1XX-195 VHYS 0.019 — 0.114 V TA = +25°C MCP1XX-240 0.023 — 0.139 V MCP1XX-270 0.026 — 0.158 V MCP1XX-290 0.029 — 0.174 V MCP1XX-300 0.029 — 0.176 V MCP1XX-315 0.031 — 0.185 V MCP1XX-450 0.044 — 0.263 V MCP1XX-475 0.046 — 0.278 V Note 1: Trip point is ±1.5% from typical value. 2: Trip point is ±2.5% from typical value. |
Similar Part No. - MCP112T-290E |
|
Similar Description - MCP112T-290E |