Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23B236D Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC23B236D
Description  2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23B236D Datasheet(HTML) 1 Page - OKI electronic componets

  MSC23B236D Datasheet HTML 1Page - OKI electronic componets MSC23B236D Datasheet HTML 2Page - OKI electronic componets MSC23B236D Datasheet HTML 3Page - OKI electronic componets MSC23B236D Datasheet HTML 4Page - OKI electronic componets MSC23B236D Datasheet HTML 5Page - OKI electronic componets MSC23B236D Datasheet HTML 6Page - OKI electronic componets MSC23B236D Datasheet HTML 7Page - OKI electronic componets MSC23B236D Datasheet HTML 8Page - OKI electronic componets MSC23B236D Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor
MSC23B236D-xxBS8/DS8
2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
This version:
Mar. 3. 1999
DESCRIPTION
The MSC23B236D-xxBS8/DS8 is a fully decoded, 2,097,152-word x 36-bit CMOS dynamic random access memory
module composed of four 16Mb DRAMs in SOJ packages and four 2Mb DRAMs in SOJ packages mounted with
eight decoupling capacitors on a 72-pin glass epoxy single-inline package. This module supports any application
where high density and large capacity of storage memory are required.
FEATURES
· 2,097,152-word x 36-bit organization
· 72-pin Single Inline Memory Module
MSC23B236D-xxBS8 : Gold tab
MSC23B236D-xxDS8 : Solder tab
· Single +5V supply ± 10% tolerance
· Input
: TTL compatible
· Output
: TTL compatible, 3-state
· Refresh
: 1024cycles/16ms
· /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
· Fast page mode capability
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
Cycle
Time
(Min.)
Operating (Max.)
Standby (Max.)
MSC23B236D-60BS8/DS8
60ns
30ns
15ns
110ns
2365mW
MSC23B236D-70BS8/DS8
70ns
35ns
20ns
130ns
2145mW
44mW


Similar Part No. - MSC23B236D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23B236A OKI-MSC23B236A Datasheet
65Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23B236A-XXBS8 OKI-MSC23B236A-XXBS8 Datasheet
65Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23B236A-XXDS8 OKI-MSC23B236A-XXDS8 Datasheet
65Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23B236D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23236D OKI-MSC23236D Datasheet
89Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23237D-XXBS18 OKI-MSC23237D-XXBS18 Datasheet
89Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23240D-XXBS20 OKI-MSC23240D-XXBS20 Datasheet
91Kb / 9P
   2,097,152-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26418TD-XXBS8 OKI-MSC23V26418TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B2321D OKI-MSC23B2321D Datasheet
43Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V27207TD-XXBS9 OKI-MSC23V27207TD-XXBS9 Datasheet
92Kb / 10P
   2,097,152-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-XXBS16 OKI-MSC23232D-XXBS16 Datasheet
82Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV232D-XXBS4 OKI-MSC23CV232D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-XXBS8 OKI-MSC23V26407TD-XXBS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com