Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23CV23257A Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSC23CV23257A
Description  2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23CV23257A Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSC23CV23257A Datasheet HTML 2Page - OKI electronic componets MSC23CV23257A Datasheet HTML 3Page - OKI electronic componets MSC23CV23257A Datasheet HTML 4Page - OKI electronic componets MSC23CV23257A Datasheet HTML 5Page - OKI electronic componets MSC23CV23257A Datasheet HTML 6Page - OKI electronic componets MSC23CV23257A Datasheet HTML 7Page - OKI electronic componets MSC23CV23257A Datasheet HTML 8Page - OKI electronic componets MSC23CV23257A Datasheet HTML 9Page - OKI electronic componets MSC23CV23257A Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MSC23CV23257A-xxBS4
¡ Semiconductor
320
DC Characteristics
All other pins not
Parameter
MSC23CV23257A
MSC23CV23257A
Unit
Condition
Input Leakage Current
Note
ILI
µA
1, 2
Min.
–40
Max.
40
Min.
–40
Max.
40
(VCC = 3.3 V ±0.3 V, Ta = 0°C to 70°C)
Symbol
0 V £ VI £ VCC + 0.3 V;
under test = 0 V
DOUT disable
0 V £ VO £ 3.6 V
IOH = –2.0 mA
IOL = 2.0 mA
RAS, CAS cycling,
tRC = Min.
RAS, CAS = VIH
RAS, CAS
≥ VCC –0.2 V
RAS cycling,
CAS = VIH,
tRC = Min.
RAS cycling,
CAS before RAS,
tRC = Min.
RAS = VIL,
CAS cycling,
tHPC = Min.
Output Leakage Current
Output High Voltage
Output Low Voltage
Average Power
Supply Current
(Operating)
Power Supply
Current (Standby)
Supply Current
(RAS-only Refresh)
Average Power
Supply Current
(CAS before RAS Refresh)
Average Power
Supply Current
(Fast Page Mode)
Average Power
ILO
VOH
VOL
ICC1
ICC2
ICC3
ICC6
ICC7
µA
–10
10
–10
10
V
2.4
VCC
2.4
VCC
V
0
0.4
0
0.4
mA
600
520
mA
—8—
8
mA
—4—
4
mA
600
520
mA
600
520
mA
600
520
1
1
1, 2
1, 2
1, 3
-60BS4
-70BS4
Notes: 1. ICC Max. is specified as ICC for output open condition.
2. Address can be changed once or less while RAS=VIL.
3. Address can be changed once or less while CAS=VIH.


Similar Part No. - MSC23CV23257A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23CV23257D OKI-MSC23CV23257D Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-60BS4 OKI-MSC23CV23257D-60BS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-70BS4 OKI-MSC23CV23257D-70BS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23CV23257A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
   2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258A OKI-MSC2313258A Datasheet
59Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com