Electronic Components Datasheet Search |
|
2N3421JANTX Datasheet(PDF) 2 Page - Microsemi Corporation |
|
2N3421JANTX Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 2 page 2N3418, S, 2N3419, S, 2N3420, S, 2N3421, S, JAN SERIES ELECTRICAL CHARACTERISTICS Characteristics Symbol Min. Max. Unit ON CHARACTERISTICS Forward-Current Transfer Ratio IC = 100 mAdc, VCE = 2.0 Vdc 2N3418, S; 2N3419, S 2N3420, S; 2N3421, S IC = 1.0 Adc, VCE = 2.0 Vdc 2N3418, S; 2N3419, S 2N3420, S; 2N3421, S IC = 2.0 Adc, VCE = 2.0 Vdc 2N3418, S; 2N3419, S 2N3420, S; 2N3421, S IC = 5.0 Adc, VCE = 5.0 Vdc 2N3418, S; 2N3419, S 2N3420, S; 2N3421, S hFE 20 40 20 40 15 30 10 15 60 120 Base-Emitter Saturation Voltage IC = 1.0 Adc, IB = 0.1 Adc IC = 2.0 Adc, IB = 0.2 Adc VBE(sat) 0.6 0.7 1.2 1.4 Vdc Collector-Emitter Saturation Voltage IC = 1.0 Adc, IB = 0.1 Adc IC = 2.0 Adc, IB = 0.2 Adc VCE(sat) 0.25 0.5 Vdc DYNAMIC CHARACTERISTICS Magnitude of Common Emitter Small-Signal Short Circuit Forward Current Transfer Ratio IC = 0.1 Adc, VCE = 10 Vdc, f = 20 MHz h fe 1.3 8.0 Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz Cobo 150 pF SWITCHING CHARACTERISTICS Delay Time VBE(off) = -3.7 Vdc td 0.08 µs Rise Time IC = 1.0 Adc, IB1 = 100 mAdc tr 0.22 µs Storage Time VBE(off) = -3.7 Vdc ts 1.10 µs Fall Time IC = 1.0 Adc, IB2 = -100 mAdc tf 0.20 µs SAFE OPERATING AREA DC Tests TC = 100 0C, 1 Cycle, t = 1.0 s Test 1 VCE = 5.0 Vdc, IC = 3.0 Adc Test 2 VCE = 37 Vdc, IC = 0.4 Adc TEST 3 VCE = 60 Vdc, IC = 0.185 Adc 2N3418, S; 2N3420, S VCE = 80 Vdc, IC = 0.12 Adc 2N3419, S; 2N3421, S Clamped Switching TA = 25 0C, I B = 0.5 Adc, IC = 3.0 Adc 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 120101 Page 2 of 2 |
Similar Part No. - 2N3421JANTX |
|
Similar Description - 2N3421JANTX |