Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23CV23257A-XXBS4 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSC23CV23257A-XXBS4
Description  2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23CV23257A-XXBS4 Datasheet(HTML) 5 Page - OKI electronic componets

  MSC23CV23257A-XXBS4 Datasheet HTML 1Page - OKI electronic componets MSC23CV23257A-XXBS4 Datasheet HTML 2Page - OKI electronic componets MSC23CV23257A-XXBS4 Datasheet HTML 3Page - OKI electronic componets MSC23CV23257A-XXBS4 Datasheet HTML 4Page - OKI electronic componets MSC23CV23257A-XXBS4 Datasheet HTML 5Page - OKI electronic componets MSC23CV23257A-XXBS4 Datasheet HTML 6Page - OKI electronic componets MSC23CV23257A-XXBS4 Datasheet HTML 7Page - OKI electronic componets MSC23CV23257A-XXBS4 Datasheet HTML 8Page - OKI electronic componets MSC23CV23257A-XXBS4 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MSC23CV23257A-xxBS4
¡ Semiconductor
319
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Note: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to the conditions as detailed in the
operational sections of this data sheet. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Recommended Operating Conditions
Capacitance
Note : Capacitance measured with Boonton Meter.
Voltage on Any Pin Relative to VSS
Parameter
Symbol
Rating
Unit
VIN, VOUT
–0.5 to 4.6
V
Voltage VCC Supply Relative to VSS
VCC
–0.5 to 4.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
4W
Operating Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
–40 to 125
°C
Parameter
Symbol
Unit
Power Supply Voltage
VCC
Input High Voltage
Typ.
Min.
Max.
3.0
3.3
3.6
V
(Ta = 0°C to 70°C)
VSS
00
0
V
VIH
2.0
VCC + 0.3
V
VIL
–0.3
0.8
V
Input Low Voltage
Parameter
Symbol
Unit
CIN1
pF
Input Capacitance (A0 - A10)
Typ.
Max.
—27
(Ta = 25°C, f = 1 MHz)
CIN2
pF
Input Capacitance (RAS0, RAS2)—
20
CIN3
pF
Input Capacitance (CAS0 - CAS3)—
13
CDQ
pF
I/O Capacitance (DQ0 - DQ31)
13
CIN4
pF
Input Capacitance (WE)—
35


Similar Part No. - MSC23CV23257A-XXBS4

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23CV23257D OKI-MSC23CV23257D Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-60BS4 OKI-MSC23CV23257D-60BS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-70BS4 OKI-MSC23CV23257D-70BS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23CV23257A-XXBS4

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
   2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258A OKI-MSC2313258A Datasheet
59Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com