Electronic Components Datasheet Search |
|
SMT4504F-172 Datasheet(PDF) 8 Page - Summit Microelectronics, Inc. |
|
SMT4504F-172 Datasheet(HTML) 8 Page - Summit Microelectronics, Inc. |
8 / 20 page SMT4504 Preliminary Information Summit Microelectronics, Inc 2071 1.1 01/07/05 8 PROGRAMMABLE AC SPECIFICATIONS (Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.) Symbol Description Min. Typ. Max. Unit 0.64 ms 12.5 ms 25 ms tDPON Programmable delay from PWR_ON to PUPs asserted and PUP to PUP delay 50 ms 250 V/S 500 V/S 750 V/S TTRACKER_SLEW Programmable internal tracking on/off slew rate 1000 V/S TTRACKER_SLEW Programmable external tracking on/off slew rate step size (25V/S-250V/S) 25 V/S 0.64 mS 50 mS 100 mS tPRTO Programmable Reset Timeout Periods 200 mS OFF 100 ms 200 ms tABORT Programmable Abort Power-On/Off Timer 400 ms |
Similar Part No. - SMT4504F-172 |
|
Similar Description - SMT4504F-172 |