Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4403ZL1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N4403ZL1
Description  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4403ZL1 Datasheet(HTML) 3 Page - ON Semiconductor

  2N4403ZL1 Datasheet HTML 1Page - ON Semiconductor 2N4403ZL1 Datasheet HTML 2Page - ON Semiconductor 2N4403ZL1 Datasheet HTML 3Page - ON Semiconductor 2N4403ZL1 Datasheet HTML 4Page - ON Semiconductor 2N4403ZL1 Datasheet HTML 5Page - ON Semiconductor 2N4403ZL1 Datasheet HTML 6Page - ON Semiconductor 2N4403ZL1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N4403
http://onsemi.com
3
Figure 1. Turn−On Time
Figure 2. Turn−Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUIT
Scope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+2 V
−16 V
10 to 100 ms,
DUTY CYCLE = 2%
0
1.0 kW
−30 V
200 W
CS* < 10 pF
1.0 kW
−30 V
200 W
CS* < 10 pF
+4.0 V
< 2 ns
1.0 to 100 ms,
DUTY CYCLE = 2%
< 20 ns
+14 V
0
−16 V
Figure 3. Capacitances
REVERSE VOLTAGE (VOLTS)
7.0
10
20
30
5.0
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
0.1
2.0
5.0
10
20
2.0
30
2.0
3.0
5.0
7.0
10
1.0
10
20
50
70 100
200
0.1
300
500
0.7
0.5
VCC = 30 V
IC/IB = 10
Ceb
QT
QA
25°C
100°C
TRANSIENT CHARACTERISTICS
3.0
1.0
0.5
0.3
0.2
0.3
0.2
30
Ccb
0.7
7.0


Similar Part No. - 2N4403ZL1

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2N4403 SEMTECH_ELEC-2N4403 Datasheet
333Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
297Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996
logo
Vishay Siliconix
2N4403 VISHAY-2N4403 Datasheet
33Kb / 3P
   Small Signal Transistor (PNP)
08-May-02
logo
Micro Commercial Compon...
2N4403 MCC-2N4403 Datasheet
239Kb / 4P
   PNP General Purpose Amplifier
logo
Foshan Blue Rocket Elec...
2N4403 FOSHAN-2N4403 Datasheet
960Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
More results

Similar Description - 2N4403ZL1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com