Electronic Components Datasheet Search |
|
2N4857JANTX Datasheet(PDF) 4 Page - Vishay Siliconix |
|
2N4857JANTX Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 4 page 2N4856JAN/JANTX/JANTXV Series Vishay Siliconix www.vishay.com 7-4 Document Number: 70244 S-04028—Rev. C, 04-Jun-01 SWITCHING TIME TEST CIRCUIT 4856/4859 4857/4860 4858/4861 VGS(L) –10 V –6 V –4 V RL* 464 W 953 W 1910 W ID(on) 20 mA 10 mA 5 mA *Non-inductive INPUT PULSE SAMPLING SCOPE Rise Time < 1 ns Fall Time < 1 ns Pulse Width 100 ns PRF 1 MHz Rise Time 0.4 ns Input Resistance 10 M W Input Capacitance 1.5 pF 51 Ω 51 Ω 1 k Ω VIN Scope VDD RL OUT tOFF OUTPUT tr <20 ns tf <20 ns 10% 90% VIN INPUT tr td(on) VGS(H) VGS(L) |
Similar Part No. - 2N4857JANTX |
|
Similar Description - 2N4857JANTX |