Electronic Components Datasheet Search |
|
2N5547JANTX Datasheet(PDF) 5 Page - Vishay Siliconix |
|
2N5547JANTX Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 5 page 2N5545/46/47/JANTX/JANTXV Vishay Siliconix Document Number: 70253 S-04031—Rev. C, 04-Jun-01 www.vishay.com 8-5 TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED) 10 100 1 k 100 k 10 k 10 0 –12 –16 –20 –8 –4 8 6 4 2 0 VGS – Gate-Source Voltage (V) Common-Source Input Capacitance vs. Gate-Source Voltage VDS = 0 V 5 V f = 1 MHz 5 0 –12 –20 –16 –8 –4 4 3 2 1 0 Common-Source Reverse Feedback Capacitance vs. Gate-Source Voltage VGS – Gate-Source Voltage (V) VDS = 0 V 5 V 15 V f = 1 MHz 16 12 8 4 0 20 Equivalent Input Noise Voltage vs. Frequency f – Frequency (Hz) VDS = 10 V ID @ 200 mA VGS = 0 V 2.5 2.0 1.5 1.0 0.5 0 0.01 0.1 1 Output Conductance vs. Drain Current ID – Drain Current (mA) TA = –55_C 125 _C 0.01 0.1 1 2.5 2.0 1.5 1.0 0.5 0 Common-Source Forward Transconductance vs. Drain Current ID – Drain Current (mA) TA = –55_C 125 _C 1 k 0 –3 –5 –4 –2 –1 800 600 400 200 0 10 8 6 4 2 0 On-Resistance and Output Conductance vs. Gate-Source Cutoff Voltage VGS(off) – Gate-Source Cutoff Voltage (V) rDS @ ID = 100 mA, VGS = 0 V gos @ VDS = 15 V, VGS = 0 V, f = 1 kHz rDS gos 25 _C 25 _C VGS(off) = –2 V VDS = 15 V f = 1 kHz VGS(off) = –2 V VDS = 15 V f = 1 kHz 15 V |
Similar Part No. - 2N5547JANTX |
|
Similar Description - 2N5547JANTX |